Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF2505 Datasheet (PDF) - Texas Instruments

CDCVF2505 Datasheet PDF - Texas Instruments
Part # CDCVF2505
Download  CDCVF2505 Download
File Size   862.54 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCVF2505 3.3-V Clock Phase-Lock Loop Clock Driver

CDCVF2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCVF2505 Datasheet PDF - Texas Instruments

Part # CDCVF2505
Download  CDCVF2505 Click to download

File Size   862.54 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCVF2505 3.3-V Clock Phase-Lock Loop Clock Driver

CDCVF2505 Datasheet (HTML) - Texas Instruments


CDCVF2505 Product details

1 Features
1• Phase-Lock Loop Clock Driver for Synchronous
DRAM and General-Purpose Applications
• Spread Spectrum Clock Compatible
• Operating Frequency: 24 MHz to 200 MHz
• Low Jitter (Cycle-to-Cycle): < |150 ps|
(Over 66 MHz to 200 MHz Range)
• Distributes One Clock Input to One Bank of Five
Outputs (CLKOUT Used to Tune the Input-Output
Delay)
• Three-States Outputs When There Is No Input
Clock
• Operates From Single 3.3-V Supply
• Available in 8-Pin TSSOP and 8-Pin SOIC
Packages
• Consumes Less Than 100 mA (Typical) in Power-
Down Mode
• Internal Feedback Loop Is Used to Synchronize
the Outputs to the Input Clock
• 25-Ω On-Chip Series Damping Resistors
• Integrated RC PLL Loop Filter Eliminates the
Need for External Components

2 Applications
• Synchronous DRAMs
• Industrial Applications
• General-Purpose Zero-Delay Clock Buffers

3 Description
The CDCVF2505 is a high-performance, low-skew,
low-jitter, phase-lock loop (PLL) clock driver. This
device uses a PLL to precisely align the output clocks
(1Y[0-3] and CLKOUT) to the input clock signal
(CLKIN) in both frequency and phase. The
CDCVF2505 operates at 3.3 V and also provides
integrated series-damping resistors that make it ideal
for driving point-to-point loads.
One bank of five outputs provides low-skew, low-jitter
copies of CLKIN. Output duty cycles are adjusted to
50 percent, independent of duty cycle at CLKIN. The
device automatically goes into power-down mode
when no input signal is applied to CLKIN.
The loop filter for the PLLs is included on-chip. This
minimizes the component count, space, and cost.
The CDCVF2505 is characterized for operation from
–40°C to 85°C.




Similar Part No. - CDCVF2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
369Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505 Datasheet
549Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505 Datasheet
1Mb / 23P
3.3-V Clock Phase-Lock Loop Clock Driver
CDCVF2505 TI2-CDCVF2505 Datasheet
469Kb / 15P
3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
DECEMBER 2008
More results


Similar Description - CDCVF2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505_10 Datasheet
369Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_17 Datasheet
1Mb / 23P
3.3-V Clock Phase-Lock Loop Clock Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com