Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF2505 Datasheet (PDF) - Texas Instruments

CDCVF2505 Datasheet PDF - Texas Instruments
Part # CDCVF2505
Download  CDCVF2505 Download
File Size   469.89 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER

CDCVF2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCVF2505 Datasheet PDF - Texas Instruments

Part # CDCVF2505
Download  CDCVF2505 Click to download

File Size   469.89 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER

CDCVF2505 Datasheet (HTML) - Texas Instruments


CDCVF2505 Product details

1FEATURES
· Qualified for Automotive Applications
· Phase-Locked Loop Clock Driver for
Synchronous DRAM and General-Purpose
Applications
· Spread-Spectrum Clock Compatible
· Operating Frequency: 24 MHz to 200 MHz
· Low Jitter (Cycle-to-Cycle): <150 ps Over the
Range 66 MHz to 200 MHz
· Distributes One Clock Input to One Bank of
Five Outputs (CLKOUT Is Used to Tune the
Input-Output Delay)
· Three-States Outputs When There Is No Input
Clock
· Operates From Single 3.3-V Supply
· Available in 8-Pin SOIC Package
· Consumes Less Than 100 mA (Typically) in
Power Down Mode
· Internal Feedback Loop Is Used to
Synchronize the Outputs to the Input Clock
· 25-Ω On-Chip Series Damping Resistors
· Integrated RC PLL Loop Filter Eliminates the
Need for External Components

DESCRIPTION
The CDCVF2505 is a high-performance, low-skew, low-jitter, phase-lock loop (PLL) clock driver. It uses a PLL to
precisely align, in both frequency and phase, the output clocks (1Y[0–3] and CLKOUT) to the input clock signal
(CLKIN). The CDCVF2505 operates at 3.3 V. It also provides integrated series-damping resistors that make it
ideal for driving point-to-point loads.
One bank of five outputs provides low-skew, low-jitter copies of CLKIN. Output duty cycles are adjusted to 50
percent, independent of duty cycle at CLKIN. The device automatically goes in power-down mode when no input
signal is applied to CLKIN.
Unlike many products containing PLLs, the CDCVF2505 does not require an external RC network. The loop filter
for the PLLs is included on-chip, minimizing component count, space, and cost.
Because it is based on the PLL circuitry, the CDCVF2505 requires a stabilization time to achieve phase lock of
the feedback signal to the reference signal. This stabilization is required following power up and application of a
fixed-frequency, fixed-phase signal at CLKIN, and following any changes to the PLL reference.
The CDCVF2505 is characterized for operation from –40°C to 85°C.




Similar Part No. - CDCVF2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
369Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505 Datasheet
549Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505 Datasheet
1Mb / 23P
3.3-V Clock Phase-Lock Loop Clock Driver
CDCVF2505 TI2-CDCVF2505 Datasheet
862Kb / 25P
CDCVF2505 3.3-V Clock Phase-Lock Loop Clock Driver
REVISED AUGUST 2016
More results


Similar Description - CDCVF2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
Phase-Locked Loop Clock Driver
logo
Texas Instruments
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
Phase-Locked Loop Clock Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com