Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2502 Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C2502 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C2502
Download  PI6C2502 Download
File Size   371.09 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Phase-Locked Loop Clock Driver

PI6C2502 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C2502 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C2502
Download  PI6C2502 Click to download

File Size   371.09 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Phase-Locked Loop Clock Driver

PI6C2502 Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C2502 Product details

Product Description

The PI6C2502 features a low-skew, low-jitter, phase-locked loop (PLL) clock driver.  By connecting the feedback FB_OUT output to the feedback FB_IN input, the propagation delay from the CLK_IN input to any clock output will be nearly zero.



Product Features

• High-Performance Phase-Locked-Loop Clock Distribution for Networking,

• Synchronous DRAM modules for server/workstation/PC applications

• Allows Clock Input to have Spread Spectrum modulation for EMI reduction

• Zero Input-to-Output delay

• Low jitter: Cycle-to-Cycle jitter ±100ps max.

• On-chip series damping resistor at clock output drivers for low noise and EMI reduction

• Operates at 3.3V VCC

• Wide range of Clock Frequencies up to 80 MHz

• Package: Plastic 8-pin SOIC Package (W)




Similar Part No. - PI6C2502

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2502AW PERICOM-PI6C2502AW Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
More results


Similar Description - PI6C2502

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
Phase-Locked Loop Clock Driver
logo
Texas Instruments
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
Phase-Locked Loop Clock Driver
logo
Texas Instruments
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_17 Datasheet
1Mb / 23P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
logo
Renesas Technology Corp
CSPT855 RENESAS-CSPT855 Datasheet
265Kb / 11P
2.5V PHASE LOCKED LOOP CLOCK DRIVER
NOVEMBER 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com