Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPT855 Datasheet (PDF) - Renesas Technology Corp

CSPT855 Datasheet PDF - Renesas Technology Corp
Part # CSPT855
Download  CSPT855 Download
File Size   265.46 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V PHASE LOCKED LOOP CLOCK DRIVER

CSPT855 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSPT855 Datasheet PDF - Renesas Technology Corp

Part # CSPT855
Download  CSPT855 Click to download

File Size   265.46 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V PHASE LOCKED LOOP CLOCK DRIVER

CSPT855 Datasheet (HTML) - Renesas Technology Corp


CSPT855 Product details

FEATURES:
• PLL clock driver for DDR (Double Data Rate) synchronous
DRAM applications
• Spread spectrum clock compatible
• Operating frequency: 60MHz to 220MHz
• Low jitter (cycle-to-cycle): ±50ps
• Distributes one differential clock input to four differential clock
outputs
• Enters low power mode and 3-state outputs when input CLK
signal is less than 20MHz or PWRDWN is low
• Operates from a 2.5V supply
• Consumes <200μA quiescent current
• External feedback pins (FBIN, FBIN) are used to synchronize
outputs to input clocks
• Available in TSSOP package

DESCRIPTION:
The CSPT855 is a high-performance, low-skew, low-jitter zero delay buffer
that distributes one differential clock input pair(CLK, CLK ) to four differential
output pairs (Y [0:3],Y [0:3]) and one differential pair of feedback clock outputs
(FBOUT, FBOUT). When PWRDWN is high, the outputs switch in phase and
frequency with CLK. When PWRDWN is low, all outputs are disabled to a highimpedance state (3-state), and the PLL is shut down (low-power mode). The
device also enters this low-power mode when the input frequency falls below
a suggested detection frequency that is below 20MHz (typical 10MHz). An input
frequency detection circuit detects the low-frequency condition, and after
applying a >20MHz input signal, this detection circuit reactivates the PLL and
enables the outputs.
When AVDD is tied to GND, the PLL is turned off and bypassed for test
purposes. The CSPT855 is also able to track spread spectrum clocking for
reduced EMI.
Since the CSPT855 is based on PLL circuitry, it requires a stabilization time
to achieve phase-lock of the PLL. This stabilization time is required following
power up




Similar Part No. - CSPT855

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
More results


Similar Description - CSPT855

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
Phase-Locked Loop Clock Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com