Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPT855 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CSPT855
Description  2.5V PHASE LOCKED LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT855 Datasheet(HTML) 1 Page - Renesas Technology Corp

  CSPT855 Datasheet HTML 1Page - Renesas Technology Corp CSPT855 Datasheet HTML 2Page - Renesas Technology Corp CSPT855 Datasheet HTML 3Page - Renesas Technology Corp CSPT855 Datasheet HTML 4Page - Renesas Technology Corp CSPT855 Datasheet HTML 5Page - Renesas Technology Corp CSPT855 Datasheet HTML 6Page - Renesas Technology Corp CSPT855 Datasheet HTML 7Page - Renesas Technology Corp CSPT855 Datasheet HTML 8Page - Renesas Technology Corp CSPT855 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
IDTCSPT855
2.5V PLL CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
200
8 Integrated Device Technology, Inc.
DSC-6203/1
2
c
IDTCSPT855
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
2.5V PHASE LOCKED LOOP
CLOCK DRIVER
PLL
CLK
CLK
6
7
23
22
FBIN
FBIN
PWRDWN
24
9
AVDD
POWERDOWN
AND TEST
LOGIC
Y0
Y0
Y1
Y1
12
13
FBOUT
FBOUT
19
20
Y3
Y3
26
27
Y2
Y2
17
16
3
2
NOVEMBER
2008
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• PLL clock driver for DDR (Double Data Rate) synchronous
DRAM applications
• Spread spectrum clock compatible
• Operating frequency: 60MHz to 220MHz
• Low jitter (cycle-to-cycle): ±50ps
• Distributes one differential clock input to four differential clock
outputs
• Enters low power mode and 3-state outputs when input CLK
signal is less than 20MHz or PWRDWN is low
• Operates from a 2.5V supply
• Consumes <200
μμμμμA quiescent current
• External feedback pins (FBIN,
FBIN) are used to synchronize
outputs to input clocks
• Available in TSSOP package
DESCRIPTION:
The CSPT855 is a high-performance, low-skew, low-jitter zero delay buffer
that distributes one differential clock input pair(CLK,
CLK ) to four differential
output pairs (Y[0:3], Y [0:3]) and one differential pair of feedback clock outputs
(FBOUT,
FBOUT). WhenPWRDWNishigh,theoutputsswitchinphaseand
frequencywithCLK. When
PWRDWNislow,alloutputsaredisabledtoahigh-
impedance state (3-state), and the PLL is shut down (low-power mode). The
device also enters this low-power mode when the input frequency falls below
asuggesteddetectionfrequencythatisbelow20MHz(typical10MHz). Aninput
frequency detection circuit detects the low-frequency condition, and after
applying a >20MHz input signal, this detection circuit reactivates the PLL and
enables the outputs.
When AVDD is tied to GND, the PLL is turned off and bypassed for test
purposes. The CSPT855 is also able to track spread spectrum clocking for
reduced EMI.
Since the CSPT855 is based on PLL circuitry, it requires a stabilization time
to achieve phase-lock of the PLL. This stabilization time is required following
power up.
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS:
• For all DDR1 speeds: PC1600 (DDR200), PC2100 (DDR266),
PC2700 (DDR333), PC3200 (DDR400)


Similar Part No. - CSPT855

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
More results

Similar Description - CSPT855

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com