Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPT855 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CSPT855
Description  2.5V PHASE LOCKED LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT855 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CSPT855 Datasheet HTML 1Page - Renesas Technology Corp CSPT855 Datasheet HTML 2Page - Renesas Technology Corp CSPT855 Datasheet HTML 3Page - Renesas Technology Corp CSPT855 Datasheet HTML 4Page - Renesas Technology Corp CSPT855 Datasheet HTML 5Page - Renesas Technology Corp CSPT855 Datasheet HTML 6Page - Renesas Technology Corp CSPT855 Datasheet HTML 7Page - Renesas Technology Corp CSPT855 Datasheet HTML 8Page - Renesas Technology Corp CSPT855 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDTCSPT855
2.5V PLL CLOCK DRIVER
PIN DESCRIPTION
Pin Name
Pin Number
I/O
Description
AGND
10
Ground for analog supply
AVDD
9
Analog supply
CLK,
CLK
6, 7
I
Differentialclockinput
FBIN, FBIN
22, 23
I
Feedbackdifferentialclockinput
FBOUT,
FBOUT
19, 20
O
Feedbackdifferentialclockoutput
GND
1, 5, 14, 15, 28
Ground
PWRDWN
24
I
Control input to turn device in the power-down mode
VDDQ
4, 8, 11, 18, 21, 25
I/O supply
Y[0:3]
3, 12, 17, 26
O
Buffered output copies of input clock, CLK
Y[0:3]
2, 13, 16, 27
O
Buffered output copies of input clock,
CLK
VDDQ
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
27
26
25
24
23
22
21
20
19
18
17
16
15
28
1
VDDQ
VDDQ
GND
GND
Y3
Y3
GND
Y0
Y0
Y1
Y1
CLK
CLK
AVDD
VDDQ
PWRDWN
FBIN
FBIN
FBOUT
FBOUT
VDDQ
Y2
Y2
GND
VDDQ
AGND
PIN CONFIGURATION
TSSOP
TOP VIEW
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Max
Unit
VDDQ, AVDD
Supply Voltage Range
–0.5 to +3.6
V
VI(2)
InputVoltageRange
–0.5 to VDDQ + 0.5
V
VO(2)
OutputVoltageRange
–0.5 to VDDQ + 0.5
V
IIK (VI < 0 or
Input Clamp Current
±50
mA
VI < VDDQ)
IOK (VO < 0 or
Output Clamp Current
±50
mA
VO > VDDQ)
IO
ContinuousOutputCurrent
±50
mA
(VO = 0 to VDDQ)
VDDQ or GND
ContinuousCurrent
±100
mA
θJA(3)
PackageThermalImpedance
105.8
°C/W
TSTG
StorageTemperatureRange
– 65 to +150
° C
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed. This value is limited to 3.6V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com