Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40192B Datasheet (PDF) - Texas Instruments

CD40192B Datasheet PDF - Texas Instruments
Part # CD40192B
Download  CD40192B Download
File Size   915.5 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Presettable Up/Down Counters (Dual Clock With Reset)

CD40192B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40192B Datasheet PDF - Texas Instruments

Part # CD40192B
Download  CD40192B Click to download

File Size   915.5 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Presettable Up/Down Counters (Dual Clock With Reset)

CD40192B Datasheet (HTML) - Texas Instruments


CD40192B Product details

Features:
Individual clock lines for counting up or counting down
Synchronous high-speed carry and borrow propagation
delays for cascading
Asynchronous reset and preset capability
Medium-speed operation—fcy = 8 MHz (typ) @ 10 V
5.V, 10-V, and 15-V parametric ratings
Standardized, symmetrical output
characteristics
100% tested for quiescent current at 20 V
Maximum input current of 1 uA at 18 V
over full package temperature range; 100 i
“nA at 18 Vand 25°C
Noise margin over full package temperature
range:
1VatVpp=5V 2VatVpp=10V
25VatVpp=15V
Meets all requirements of JEDEC Tentative
Standard No. 13B, “Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD40192B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192B TI1-CD40192B Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
CD40192B-MIL TI1-CD40192B-MIL Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
National Semiconductor ...
CD40192BC NSC-CD40192BC Datasheet
141Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter
More results


Similar Description - CD40192B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40192B STMICROELECTRONICS-HCC40192B Datasheet
314Kb / 15P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
Jun-1989
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
CMOS PRESETTABLE UP/DOWN COUNTERS
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
CMOS Presettable Up/Down Counters
December 1992
logo
STMicroelectronics
HCF40193 STMICROELECTRONICS-HCF40193 Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
PRESETTABLE UP / DOWN COUNTERS
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com