Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17381F4.B Datasheet (PDF) - Texas Instruments

CSD17381F4.B Datasheet PDF - Texas Instruments
Part # CSD17381F4.B
Download  CSD17381F4.B Download
File Size   937.48 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD17381F4 30-V N-Channel FemtoFET™ MOSFET

CSD17381F4.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD17381F4.B Datasheet PDF - Texas Instruments

Part # CSD17381F4.B
Download  CSD17381F4.B Click to download

File Size   937.48 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD17381F4 30-V N-Channel FemtoFET™ MOSFET

CSD17381F4.B Datasheet (HTML) - Texas Instruments


CSD17381F4.B Product details

1 Features
• Ultra-low on-resistance
• Ultra-low Qg and Qgd
• Low threshold voltage
• Ultra-small footprint (0402 case size)
– 1.0 mm × 0.6 mm
• Ultra-low profile
– 0.36 mm height
• Integrated ESD protection diode
– Rated >4 kV HBM
– Rated >2 kV CDM
• Lead and halogen free
• RoHS compliant

2 Applications
• Optimized for load switch applications
• Optimized for general purpose switching
applications
• Single-cell battery applications
• Handheld and mobile applications

3 Description
This 90 mΩ, 30 V N-Channel FemtoFET™ MOSFET
technology is designed and optimized to minimize the
footprint in many handheld and mobile applications.
This technology is capable of replacing standard
small signal MOSFETs while providing at least a 60%
reduction in footprint size.




Similar Part No. - CSD17381F4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
30-V, N-Channel NexFET??Power MOSFETs
CSD17381F4 TI1-CSD17381F4 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17381F4T TI1-CSD17381F4T Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
More results


Similar Description - CSD17381F4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
588Kb / 12P
CSD17483F4, 30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
30-V N-Channel FemtoFET MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com