Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17381F4.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD17381F4.B
Description  CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17381F4.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD17381F4.B Datasheet HTML 1Page - Texas Instruments CSD17381F4.B Datasheet HTML 2Page - Texas Instruments CSD17381F4.B Datasheet HTML 3Page - Texas Instruments CSD17381F4.B Datasheet HTML 4Page - Texas Instruments CSD17381F4.B Datasheet HTML 5Page - Texas Instruments CSD17381F4.B Datasheet HTML 6Page - Texas Instruments CSD17381F4.B Datasheet HTML 7Page - Texas Instruments CSD17381F4.B Datasheet HTML 8Page - Texas Instruments CSD17381F4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
1 Features
• Ultra-low on-resistance
• Ultra-low Qg and Qgd
• Low threshold voltage
• Ultra-small footprint (0402 case size)
– 1.0 mm × 0.6 mm
• Ultra-low profile
– 0.36 mm height
• Integrated ESD protection diode
– Rated >4 kV HBM
– Rated >2 kV CDM
• Lead and halogen free
• RoHS compliant
2 Applications
• Optimized for load switch applications
• Optimized for general purpose switching
applications
• Single-cell battery applications
• Handheld and mobile applications
3 Description
This 90 mΩ, 30 V N-Channel FemtoFET™ MOSFET
technology is designed and optimized to minimize the
footprint in many handheld and mobile applications.
This technology is capable of replacing standard
small signal MOSFETs while providing at least a 60%
reduction in footprint size.
.
1.00 mm
0.36 mm
0.60 mm
Typical Dimensions
.
.
.
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-source voltage
30
V
Qg
Gate charge total (4.5 V)
1040
pC
Qgd
Gate charge gate-to-drain
133
pC
RDS(on) Drain-to-source on-resistance
VGS = 1.8 V
160
mΩ
VGS = 2.5 V
110
mΩ
VGS = 4.5 V
90
mΩ
VGS(th) Threshold voltage
0.85
V
.
Ordering Information
DEVICE(1)
QTY
MEDIA
PACKAGE
SHIP
CSD17381F4
3000
7-Inch
reel
Femto (0402) 1.0 mm
×0.6 mm SMD Lead
Less
Tape and
reel
CSD17381F4T
250
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C unless otherwise stated
VALUE
UNIT
VDS
Drain-to-source voltage
30
V
VGS
Gate-to-source voltage
12
V
ID
Continuous drain current, TA = 25°C(1)
3.1
A
IDM
Pulsed Drain Current, TA = 25°C(2)
12
A
IG
Continuous gate clamp current
35
mA
Pulsed gate clamp current(2)
350
PD
Power dissipation(1)
500
mW
ESD
Rating
Human body model (HBM)
4
kV
Charged device model (CDM)
2
kV
TJ,
Tstg
Operating junction and
storage temperature range
–55 to 150
°C
EAS
Avalanche energy, single pulse ID = 7.4 A,
L = 0.1 mH, RG = 25 Ω
2.7
mJ
(1)
Typical RθJA = 90°C/W on 1 inch2 (6.45 cm2), 2 oz.
(0.071 mm thick) Cu pad on a 0.06 inch (1.52 mm) thick FR4
PCB.
(2)
Pulse duration ≤ 100 μs, duty cycle ≤ 1%.
D
S
G
Top View
CSD17381F4
SLPS411G – APRIL 2013 – REVISED JANUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD17381F4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
30-V, N-Channel NexFET??Power MOSFETs
CSD17381F4 TI1-CSD17381F4 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17381F4T TI1-CSD17381F4T Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
More results

Similar Description - CSD17381F4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
588Kb / 12P
CSD17483F4, 30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
30-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com