Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19536KCS Datasheet (PDF) - Texas Instruments

CSD19536KCS Datasheet PDF - Texas Instruments
Part # CSD19536KCS
Download  CSD19536KCS Download
File Size   991.7 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD19536KCS 100V N-Channel NexFET™ Power MOSFET

CSD19536KCS Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD19536KCS Datasheet PDF - Texas Instruments

Part # CSD19536KCS
Download  CSD19536KCS Click to download

File Size   991.7 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD19536KCS 100V N-Channel NexFET™ Power MOSFET

CSD19536KCS Datasheet (HTML) - Texas Instruments


CSD19536KCS Product details

1 Features
• Ultra-low Qg and Qgd
• Low thermal resistance
• Avalanche rated
• Pb-Free terminal plating
• RoHS compliant
• Halogen free
• TO-220 plastic package

2 Applications
• Secondary side synchronous rectifier
• Motor control

3 Description
This 100V, 2.3mΩ, TO-220 NexFET™ power MOSFET
is designed to minimize losses in power conversion
applications.




Similar Part No. - CSD19536KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD19536KCS ISC-CSD19536KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - CSD19536KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
100V N-Channel NexFET Power MOSFETs
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
CSD19531Q5A TI1-CSD19531Q5A_16 Datasheet
743Kb / 14P
100V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
100V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A_16 Datasheet
773Kb / 14P
100V N-Channel NexFET Power MOSFET
CSD19534KCS TI1-CSD19534KCS Datasheet
326Kb / 12P
100V N-Channel NexFET Power MOSFET
CSD19535KTT TI1-CSD19535KTT Datasheet
339Kb / 12P
100V N-Channel NexFET Power MOSFET
CSD19536KTT TI1-CSD19536KTT Datasheet
882Kb / 14P
100V N-Channel NexFET Power MOSFET
CSD19537Q3 TI1-CSD19537Q3 Datasheet
510Kb / 13P
100V N-Channel NexFET Power MOSFET
CSD19538Q2 TI1-CSD19538Q2 Datasheet
402Kb / 14P
100V N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com