Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19536KCS Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD19536KCS
Description  CSD19536KCS 100V N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD19536KCS Datasheet(HTML) 3 Page - Texas Instruments

  CSD19536KCS Datasheet HTML 1Page - Texas Instruments CSD19536KCS Datasheet HTML 2Page - Texas Instruments CSD19536KCS Datasheet HTML 3Page - Texas Instruments CSD19536KCS Datasheet HTML 4Page - Texas Instruments CSD19536KCS Datasheet HTML 5Page - Texas Instruments CSD19536KCS Datasheet HTML 6Page - Texas Instruments CSD19536KCS Datasheet HTML 7Page - Texas Instruments CSD19536KCS Datasheet HTML 8Page - Texas Instruments CSD19536KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4 Specifications
4.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0V, ID = 250μA
100
V
IDSS
Drain-to-Source Leakage Current
VGS = 0V, VDS = 80V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250μA
2.1
2.5
3.2
V
RDS(on)
Drain-to-Source On-Resistance
VGS = 6V, ID = 100A
2.5
3.2
mΩ
VGS = 10V, ID = 100A
2.3
2.7
mΩ
gfs
Transconductance
VDS = 10V, ID = 100A
307
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0V, VDS = 50V, ƒ = 1MHz
9250
12000
pF
Coss
Output Capacitance
1820
2370
pF
Crss
Reverse Transfer Capacitance
47
61
pF
RG
Series Gate Resistance
1.4
2.8
Ω
Qg
Gate Charge Total (10V)
VDS = 50V, ID = 100A
118
153
nC
Qgd
Gate Charge Gate to Drain
17
nC
Qgs
Gate Charge Gate to Source
37
nC
Qg(th)
Gate Charge at Vth
24
nC
Qoss
Output Charge
VDS = 50V, VGS = 0V
335
nC
td(on)
Turn On Delay Time
VDS = 50V, VGS = 10V,
IDS = 100A, RG = 0Ω
14
ns
tr
Rise Time
8
ns
td(off)
Turn Off Delay Time
38
ns
tf
Fall Time
5
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 100A, VGS = 0V
0.9
1.1
V
Qrr
Reverse Recovery Charge
VDS= 50V, IF = 100A,
di/dt = 300A/μs
548
nC
trr
Reverse Recovery Time
110
ns
4.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance
0.4
°C/W
RθJA
Junction-to-Ambient Thermal Resistance
62
www.ti.com
CSD19536KCS
SLPS485C – JANUARY 2014 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CSD19536KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com