Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR08 Datasheet (PDF) - elc construction electronique

DR08 Datasheet PDF - elc construction electronique
Part # DR08
Download  DR08 Download
File Size   458.31 Kbytes
Page   1 Pages
Manufacturer  ELC [elc construction electronique]
Direct Link  https://elc.fr/
Logo ELC - elc construction electronique
Description DECADE RESISTANCE BOXES

DR08 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR08 Datasheet PDF - elc construction electronique

Part # DR08
Download  DR08 Click to download

File Size   458.31 Kbytes
Page   1 Pages
Manufacturer  ELC [elc construction electronique]
Direct Link  https://elc.fr/
Logo ELC - elc construction electronique
Description DECADE RESISTANCE BOXES

DR08 Datasheet (HTML) - elc construction electronique


DR08 Product details

Specifications
• The DR04-07 boxes use metal film resistors offering 0.5% accuracy and a temperature coefficient of 50 ppm/°C.
• The DR08 box use thick film resistors offering 1% accuracy and a temperature coefficient of 100 ppm/°C
• Output of each decade on 4 mm safety socket.
• Screen outputs (front panel and case) on safety earth socket.
• Professional quality switches with gilt contacts. (R < 9 mΩ).
• Max power rating : 0.5 W.




Similar Part No. - DR08

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DR08 DIOTEC-DR08 Datasheet
54Kb / 1P
Wire jumper
logo
Alpha Wire
DR0800103 ALPHAWIRE-DR0800103 Datasheet
165Kb / 2P
M12-A Male
DR0800112 ALPHAWIRE-DR0800112 Datasheet
167Kb / 3P
M12-A Male
DR0800123 ALPHAWIRE-DR0800123 Datasheet
168Kb / 3P
M12-A Male
DR0800124 ALPHAWIRE-DR0800124 Datasheet
171Kb / 3P
M12-A Male
More results


Similar Description - DR08

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380400 EXTECH-380400_15 Datasheet
252Kb / 1P
Resistance, Capacitance & Inductance Decade Boxes
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com