Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR08 Datasheet (PDF) - Diotec Semiconductor

DR08 Datasheet PDF - Diotec Semiconductor
Part # DR08
Download  DR08 Download
File Size   54.08 Kbytes
Page   1 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Wire jumper

DR08 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR08 Datasheet PDF - Diotec Semiconductor

Part # DR08
Download  DR08 Click to download

File Size   54.08 Kbytes
Page   1 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Wire jumper

DR08 Datasheet (HTML) - Diotec Semiconductor


DR08 Product details

Wire jumper DR 0.8
   Lead: Ø 0.8 mm
   Cu-wire, tin plated
   Taped and reeled on 13”-reel
   Pitch: 5 mm
   10.000 pieces per reel

Wire jumper DR 1.2
   Lead: Ø 1.2 mm
   Cu-wire, tin plated
   Taped and reeled on 13”-reel
   Pitch: 5 mm
   10.000 pieces per reel




Similar Part No. - DR08

ManufacturerPart #DatasheetDescription
logo
elc construction electr...
DR08 ELC-DR08 Datasheet
458Kb / 1P
DECADE RESISTANCE BOXES
logo
Alpha Wire
DR0800103 ALPHAWIRE-DR0800103 Datasheet
165Kb / 2P
M12-A Male
DR0800112 ALPHAWIRE-DR0800112 Datasheet
167Kb / 3P
M12-A Male
DR0800123 ALPHAWIRE-DR0800123 Datasheet
168Kb / 3P
M12-A Male
DR0800124 ALPHAWIRE-DR0800124 Datasheet
171Kb / 3P
M12-A Male
More results


Similar Description - DR08

ManufacturerPart #DatasheetDescription
logo
Vestal Electronic Devic...
BA-18 VESTAL-BA-18 Datasheet
20Kb / 1P
Bare Axial Jumper Wire
BR200-20S VESTAL-BR200-20S Datasheet
22Kb / 1P
Bare Radial Jumper Wire
IA-22-200 VESTAL-IA-22-200 Datasheet
21Kb / 1P
Insulated Axial Jumper Wire
IR100-22-200 VESTAL-IR100-22-200 Datasheet
22Kb / 1P
Bare Radial Jumper Wire
IR200-22-FI VESTAL-IR200-22-FI Datasheet
22Kb / 1P
Bare Radial Jumper Wire
BS14-500X200 VESTAL-BS14-500X200 Datasheet
20Kb / 1P
Bare Staple Jumper Wire
logo
KOA Speer Electronics, ...
JL5CT26A KOA-JL5CT26A Datasheet
71Kb / 1P
jumper wire
JL8CT52A KOA-JL8CT52A Datasheet
188Kb / 1P
jumper wire
logo
UNIOHM CORPORATION
MR-12 UNIOHM-MR-12 Datasheet
1,014Kb / 1P
Jumper Wire & Zerohm Resistors
logo
Vestal Electronic Devic...
BR100-20-L VESTAL-BR100-20-L Datasheet
138Kb / 1P
Bare Radial Jumper Wire
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com