Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR08 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # DR08
Description  Wire jumper
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DR08 Datasheet(HTML) 1 Page - Diotec Semiconductor

  DR08 Datasheet HTML 1Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29
01.10.2002
Accessories – Zubehör
Wire jumper DR 0.8
Drahtbrücken DR 0.8
Lead: Ø 0.8 mm
Cu-wire, tin plated
Taped and reeled on 13”-reel
Pitch: 5 mm
10.000 pieces per reel
Drähte: Ø 0,8 mm
Cu-Draht, verzinnt
Gegurtet auf 330 mm (13”)-Rolle
Raster: 5 mm
10.000 Stück pro Rolle
Wire jumper DR 1.2
Drahtbrücken DR 1.2
Lead: Ø 1.2 mm
Cu-wire, tin plated
Taped and reeled on 13”-reel
Pitch: 5 mm
10.000 pieces per reel
Drähte: Ø 1,2 mm
Cu-Draht, verzinnt
Gegurtet auf 330 mm (13”)-Rolle
Raster: 5 mm
10.000 Stück pro Rolle


Similar Part No. - DR08

ManufacturerPart #DatasheetDescription
logo
elc construction electr...
DR08 ELC-DR08 Datasheet
458Kb / 1P
DECADE RESISTANCE BOXES
logo
Alpha Wire
DR0800103 ALPHAWIRE-DR0800103 Datasheet
165Kb / 2P
M12-A Male
DR0800112 ALPHAWIRE-DR0800112 Datasheet
167Kb / 3P
M12-A Male
DR0800123 ALPHAWIRE-DR0800123 Datasheet
168Kb / 3P
M12-A Male
DR0800124 ALPHAWIRE-DR0800124 Datasheet
171Kb / 3P
M12-A Male
More results

Similar Description - DR08

ManufacturerPart #DatasheetDescription
logo
Vestal Electronic Devic...
BA-18 VESTAL-BA-18 Datasheet
20Kb / 1P
Bare Axial Jumper Wire
BR200-20S VESTAL-BR200-20S Datasheet
22Kb / 1P
Bare Radial Jumper Wire
IA-22-200 VESTAL-IA-22-200 Datasheet
21Kb / 1P
Insulated Axial Jumper Wire
IR100-22-200 VESTAL-IR100-22-200 Datasheet
22Kb / 1P
Bare Radial Jumper Wire
IR200-22-FI VESTAL-IR200-22-FI Datasheet
22Kb / 1P
Bare Radial Jumper Wire
BS14-500X200 VESTAL-BS14-500X200 Datasheet
20Kb / 1P
Bare Staple Jumper Wire
logo
KOA Speer Electronics, ...
JL5CT26A KOA-JL5CT26A Datasheet
71Kb / 1P
jumper wire
JL8CT52A KOA-JL8CT52A Datasheet
188Kb / 1P
jumper wire
logo
UNIOHM CORPORATION
MR-12 UNIOHM-MR-12 Datasheet
1,014Kb / 1P
Jumper Wire & Zerohm Resistors
logo
Vestal Electronic Devic...
BR100-20-L VESTAL-BR100-20-L Datasheet
138Kb / 1P
Bare Radial Jumper Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com