Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAHT074I7 Datasheet (PDF) - Vishay Siliconix

PRAHT074I7 Datasheet PDF - Vishay Siliconix
Part # PRAHT074I7
Download  PRAHT074I7 Download
File Size   107.44 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant

PRAHT074I7 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRAHT074I7 Datasheet PDF - Vishay Siliconix

Part # PRAHT074I7
Download  PRAHT074I7 Click to download

File Size   107.44 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant

PRAHT074I7 Datasheet (HTML) - Vishay Siliconix


PRAHT074I7 Product details

FEATURES
• Tight TCR (10 ppm/°C) and TCR tracking
(to 2 ppm/°C)
• 2 to 4 resistors (same or different values)
• Ratio tolerance to 0.05 %
• Gold terminations for temperature up to 230 °C
• High temperature (230 °C)
• SnAg terminations for temperature up to 200 °C
• SMD wraparound chip resistor array
• Thin film technology
• Very low noise < -35 dB and voltage coefficient
< 0.01 ppm/V
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - PRAHT074I7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
PRAHT135 VISHAY-PRAHT135 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
PRAHT182 VISHAY-PRAHT182 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
More results


Similar Description - PRAHT074I7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PHT VISHAY-PHT Datasheet
105Kb / 6P
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
14-Jan-15
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
P VISHAY-P Datasheet
131Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
20-Feb-15
PHT VISHAY-PHT Datasheet
97Kb / 6P
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
14-Jan-15
PVHT VISHAY-PVHT Datasheet
89Kb / 6P
High Stability - Very High Temperature (270 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
13-Nov-15
logo
Bourns Electronic Solut...
CRT0603-CV-1003EAS BOURNS-CRT0603-CV-1003EAS Datasheet
397Kb / 4P
Sulfur-Resistant Thin Film Precision Chip Resistors
CAY10-AS BOURNS-CAY10-AS Datasheet
582Kb / 3P
Sulfur-Resistant Thick Film Chip Arrays
logo
Vishay Siliconix
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
19-Nov-14
P VISHAY-P_V01 Datasheet
148Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
18-Oct-2021
logo
Stackpole Electronics, ...
RMCS-PD SEI-RMCS-PD Datasheet
342Kb / 7P
High Sulfur Resistant Thick Film Chip Resistor
07/22/2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com