Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD96416 Datasheet (PDF) - Texas Instruments

CSD96416 Datasheet PDF - Texas Instruments
Part # CSD96416
Download  CSD96416 Download
File Size   802.46 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD96416 Synchronous Buck NexFET™ Smart Power Stage

CSD96416 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD96416 Datasheet PDF - Texas Instruments

Part # CSD96416
Download  CSD96416 Click to download

File Size   802.46 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD96416 Synchronous Buck NexFET™ Smart Power Stage

CSD96416 Datasheet (HTML) - Texas Instruments


CSD96416 Product details

1 Feature
• Peak current rating: 50 A
• 16-V VIN, 25-V high-side and low-side FET
• Adjusted deadtime trim to improve transient
response with non-TI controller
• Peak efficiency (fSW = 600 kHz, LOUT = 150 nH):
over 94%
• High-frequency operation (up to 1.75 MHz)
• Temperature compensated bi-directional current
sense
• Analog temperature output
• Fault monitoring
• 3.3-V and 5-V PWM signal compatible
• Tri-state PWM input
• Integrated bootstrap switch
• Optimized dead-time for shoot-through protection
• High-density, QFN 5-mm × 6-mm footprint
• Ultra-low-inductance package
• System optimized PCB footprint
• Thermally enhanced topside cooling
• RoHS compliant, lead-free terminal plating
• Halogen free

2 Applications
• Multiphase synchronous buck converters
– High-frequency applications
– High-current, low-duty cycle applications
• Point-of-load (POL) DC-DC converters
• Memory and graphic cards
• Desktop and server V-Core synchronous buck
converters

3 Description
The CSD96416 NexFET™ power stage is a highly
optimized design for use in a high-power, high-density
synchronous buck converter. This product integrates
the driver and power MOSFETs to complete the
power stage switching function. This combination
produces high-current, high-efficiency, and high-speed
switching capability in a small 5-mm × 6-mm package.
This power stage has an adjusted deadtime trim
to improve transient response with non-TI controller.
It also integrates the accurate current sensing and
temperature sensing functionality to simplify system
design and improve accuracy. In addition, the PCB
footprint has been optimized to help reduce design
time and simplify the completion of the overall system
design.




Similar Part No. - CSD96416

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96416 TI1-CSD96416 Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96416RWJ TI1-CSD96416RWJ Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96416RWJT TI1-CSD96416RWJT Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results


Similar Description - CSD96416

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
CSD95410RRB TI-CSD95410RRB Datasheet
829Kb / 14P
CSD95410RRB Synchronous Buck NexFET™ Smart Power Stage
SEPTEMBER 2020
CSD95420RCB TI-CSD95420RCB Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD95411 TI-CSD95411 Datasheet
1,019Kb / 15P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96415 TI-CSD96415 Datasheet
805Kb / 11P
CSD96415RWJ Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95430RRB TI1-CSD95430RRB Datasheet
1,000Kb / 12P
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96416 TI1-CSD96416 Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com