Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7513 Datasheet (PDF) - Texas Instruments

DAC7513 Datasheet PDF - Texas Instruments
Part # DAC7513
Download  DAC7513 Download
File Size   794.43 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC7513 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7513 Datasheet PDF - Texas Instruments

Part # DAC7513
Download  DAC7513 Click to download

File Size   794.43 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC7513 Datasheet (HTML) - Texas Instruments


DAC7513 Product details

FEATURES
microPOWER OPERATION: 115μA at 5V
POWER-ON RESET TO ZERO
POWER SUPPLY: +2.7V to +5.5V
ENSURED MONOTONIC BY DESIGN
SETTLING TIME: 10μs to 1LSB
LOW-POWER SERIAL INTERFACE WITH
SCHMITT-TRIGGERED INPUTS
ON-CHIP OUTPUT BUFFER AMPLIFIER,
RAIL-TO-RAIL OPERATION
SYNC INTERRUPT FACILITY
SOT23-8 AND MSOP-8 PACKAGES

APPLICATIONS
PROCESS CONTROL
DATA ACQUISITION SYSTEMS
CLOSED-LOOP SERVO-CONTROL
PC PERIPHERALS
PORTABLE INSTRUMENTATION
PROGRAMMABLE ATTENUATION

DESCRIPTION
The DAC7513 is a low-power, single, 12-bit buffered voltage
output Digital-to-Analog Connector (DAC). The on-chip precision
output amplifier allows rail-to-rail output swing to be
achieved. The DAC7513 uses a versatile 3-wire serial interface
that operates at clock rates up to 30MHz and is compatible
with standard SPI™, QSPI™, Microwire™, and DSP interfaces.
The DAC7513 requires an external reference voltage to set
the output range of the DAC, this allows the DAC7513 to be
used in a multiplying mode. The DAC7513 incorporates a
power-on reset circuit which ensures that the DAC output
powers up at 0V and remains there until a valid write takes
place to the device. The DAC7513 contains a power-down
feature, accessed over the serial interface, that reduces the
current consumption of the device to 200nA at 5V.
The low-power consumption of this part in normal operation
makes it ideally suited to portable battery-operated equipment.
The power consumption is 0.5mW at 5V reducing to
1μW in power-down mode.
The DAC7513 is available in an SOT23-8 package and an
MSOP-8 package.
SPI and QSPI are registered trademarks of Motorola.
Microwire is a registered trademark of National Semiconductor.




Similar Part No. - DAC7513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513E/250 TI-DAC7513E/250 Datasheet
455Kb / 18P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513E/250 TI1-DAC7513E/250 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513E/250G4 TI1-DAC7513E/250G4 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513E/2K5 TI-DAC7513E/2K5 Datasheet
455Kb / 18P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com