Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7513 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7513
Description  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7513 Datasheet(HTML) 2 Page - Texas Instruments

  DAC7513 Datasheet HTML 1Page - Texas Instruments DAC7513 Datasheet HTML 2Page - Texas Instruments DAC7513 Datasheet HTML 3Page - Texas Instruments DAC7513 Datasheet HTML 4Page - Texas Instruments DAC7513 Datasheet HTML 5Page - Texas Instruments DAC7513 Datasheet HTML 6Page - Texas Instruments DAC7513 Datasheet HTML 7Page - Texas Instruments DAC7513 Datasheet HTML 8Page - Texas Instruments DAC7513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DAC7513
2
SBAS157A
www.ti.com
VDD to GND ........................................................................... –0.3V to +6V
Digital Input Voltage to GND ................................. –0.3V to +VDD + 0.3V
VOUT to GND .......................................................... –0.3V to +VDD + 0.3V
Operating Temperature Range ...................................... –40
°C to +105°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature Range (TJ max) ........................................ +150°C
SOT23 Package:
Power Dissipation .................................................... (TJ max – TA)/θJA
θ
JA Thermal Impedance ......................................................... 240°C/W
Lead Temperature, Soldering:
Vapor Phase (60s) ............................................................... +215
°C
Infrared (15s) ........................................................................ +220
°C
MSOP Package:
Power Dissipation .......................................................... (TJ max – TA)/θJA
θ
JA Thermal Impedance ......................................................... 206°C/W
θ
JC Thermal Impedance .......................................................... 44°C/W
Lead Temperature, Soldering:
Vapor Phase (60s) ............................................................... +215
°C
Infrared (15s) ........................................................................ +220
°C
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATIONS
PACKAGE/ORDERING INFORMATION
MINIMUM
RELATIVE
DIFFERENTIAL
SPECIFICATION
ACCURACY NONLINEARITY
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DAC7513E
±8
±1
MSOP-8
DGK
–40
°C to +105°C
D13E
DAC7513E/250
Tape and Reel, 250
"
"
""
""
"
DAC7513E/2K5
Tape and Reel, 2500
DAC7513N
±8
±1
SOT23-8
DCN
–40
°C to +105°C
D13N
DAC7513N/250
Tape and Reel, 250
"
"
""
""
"
DAC7513N/3K
Tape and Reel, 3000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
Top View
SOT23-8
MSOP-8
V
OUT
V
FB
V
REF
V
DD
SYNC
SCLK
D
IN
GND
1
2
3
4
8
7
6
5
DAC7513
V
DD
V
REF
V
FB
V
OUT
GND
D
IN
SCLK
SYNC
1
2
3
4
8
7
6
5
DAC7513
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com