Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7551 Datasheet (PDF) - Texas Instruments

DAC7551 Datasheet PDF - Texas Instruments
Part # DAC7551
Download  DAC7551 Download
File Size   789.9 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7551 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7551 Datasheet PDF - Texas Instruments

Part # DAC7551
Download  DAC7551 Click to download

File Size   789.9 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7551 Datasheet (HTML) - Texas Instruments


DAC7551 Product details

FEATURES
· Relative Accuracy (INL): ±0.35LSB
· Ultra-Low Glitch Energy: 0.1nV-s
· Low Power Operation: 100mA at 2.7V
· Power-On Reset to Zero Scale
· Power Supply: 2.7V to 5.5V Single Supply
· Power-Down: 0.05mA at 2.7V
· 12-Bit Linearity and Monotonicity
· Rail-to-Rail Voltage Output
· Settling Time: 5ms (Max)
· SPI-Compatible Serial Interface with
Schmitt-Trigger Input: Up to 50MHz
· Daisy-Chain Capability
· Asynchronous Hardware Clear to Zero Scale
· Specified Temperature Range:
– 40°C to +105°C
· Small, 2 x 3 mm, 12-Lead SON Package

APPLICATIONS
· Portable, Battery-Powered Instruments
· Digital Gain and Offset Adjustment
· Programmable Voltage and Current Sources
· Programmable Attenuators
· Industrial Process Control

DESCRIPTION
The DAC7551 is a single-channel, voltage-output
digital-to-analog converter (DAC) with exceptional
linearity and monotonicity, and a proprietary
architecture that minimizes glitch energy. The
low-power DAC7551 operates from a single 2.7V to
5.5V supply. The DAC7551 output amplifiers can
drive a 2kW, 200pF load rail-to-rail with 5ms settling
time; the output range is set using an external
voltage reference.
The 3-wire serial interface operates at clock rates up
to 50MHz and is compatible with SPI™, QSPI™,
Microwire™, and DSP interface standards. The parts
incorporate a power-on-reset circuit to ensure that
the DAC output powers up to 0V and remains there
until a valid write cycle to the device takes place. The
part contains a power-down feature that reduces the
current consumption of the device to under 2mA.
Small size and low-power operation make the
DAC7551 ideally suited for battery-operated, portable
applications. The power consumption is typically
0.5mW at 5V, 0.23mW at 3V, and reduces to 1mW in
power-down mode.
The DAC7551 is available in a 12-lead SON
package and is specified over –40°C to +105°C.




Similar Part No. - DAC7551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI2-DAC7551 Datasheet
812Kb / 27P
DAC7551-Q1 12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
REVISED MARCH 2015
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI2-DAC7551-Q1 Datasheet
812Kb / 27P
DAC7551-Q1 12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
REVISED MARCH 2015
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
More results


Similar Description - DAC7551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com