Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7551 Datasheet (PDF) - Texas Instruments

DAC7551 Datasheet PDF - Texas Instruments
Part # DAC7551
Download  DAC7551 Download
File Size   812.47 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC7551-Q1 12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter

DAC7551 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7551 Datasheet PDF - Texas Instruments

Part # DAC7551
Download  DAC7551 Click to download

File Size   812.47 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC7551-Q1 12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter

DAC7551 Datasheet (HTML) - Texas Instruments


DAC7551 Product details

1 Features
1• Qualified for Automotive Applications
• Relative Accuracy (INL): ±0.35 LSB
• Ultra-Low Glitch Energy: 0.1 nV-s
• Low-Power Operation: 100 μA at 2.7 V
• Power-On Reset-to-Zero Scale
• Power Supply: 2.7- to 5.5-V Single Supply
• Power-Down: 0.05 μA at 2.7 V
• 12-Bit Linearity and Monotonicity
• Rail-to-Rail Voltage Output
• Settling Time: 5 μs (Max)
• SPI-Compatible Serial Interface With Schmitt-
Trigger Input: Up to 50 MHz
• Daisy-Chain Capability
• Asynchronous Hardware Clear-to-Zero Scale
• Specified Temperature Range:
–40°C to +105°C
• Small, 2-mm × 3-mm, 12-Lead USON Package
• Z-Suffix Offers Improved Delamination

2 Applications
• Portable, Battery-Powered Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage and Current Sources
• Programmable Attenuators
• Industrial Process Control
• ADAS Radar Applications
• Collision Warning
• Blind-Spot Detection

3 Description
The DAC7551-Q1 device is a single-channel, voltage-
output digital-to-analog converter (DAC) with exceptional linearity and monotonicity, and a
proprietary architecture that minimizes glitch energy.
The low-power DAC7551-Q1 device operates from a
single 2.7- to 5.5-V supply. The DAC7551-Q1 output amplifiers can drive a 2-kΩ, 200-pF load rail-to-rail
with 5-μs settling time. The output range is set using
an external voltage reference.
The 3-wire serial interface operates at clock rates up
to 50 MHz and is compatible with SPI™, QSPI™,
microwire, and DSP interface standards. The device
incorporates a power-on-reset (POR) circuit to ensure
that the DAC output powers up to 0 V and remains at
that voltage until a valid write cycle to the device
occurs. The device contains a power-down feature
that reduces the current consumption of the device to
under 2 μA.
Small size and low-power operation make the
DAC7551-Q1 device ideally suited for battery- operated, portable applications. The power
consumption is typically 0.5 mW at 5 V, 0.23 mW at
3 V, and reduces to 1 μW in power-down mode.
The DAC7551-Q1 device is available in a 12-pin
USON package and is specified over –40°C to
+105°C. The Z-suffix offers reduced delamination
compared to standard device.




Similar Part No. - DAC7551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI2-DAC7551 Datasheet
789Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
REVISED APRIL 2007
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI2-DAC7551-Q1 Datasheet
789Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
REVISED APRIL 2007
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
More results


Similar Description - DAC7551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com