Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX9211PTR.B Datasheet (PDF) - Texas Instruments

DIX9211PTR.B Datasheet PDF - Texas Instruments
Part # DIX9211PTR.B
Download  DIX9211PTR.B Download
File Size   827.57 Kbytes
Page   110 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 216-kHz Digital Audio Interface Transceiver (DIX)

DIX9211PTR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
DIX9211PTR.B Datasheet PDF - Texas Instruments

Part # DIX9211PTR.B
Download  DIX9211PTR.B Click to download

File Size   827.57 Kbytes
Page   110 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 216-kHz Digital Audio Interface Transceiver (DIX)

DIX9211PTR.B Datasheet (HTML) - Texas Instruments


DIX9211PTR.B Product details

1FEATURES
23456• Integrated DIX and Signal Routing:
– Asynchronous Operation (DIR, DIT)
– Mux and Routing of PCM Data:
– I2S™, Left-Justified, Right-Justified
– Multipurpose Input/Output Pins
• Digital Audio I/F Receiver (DIR):
– 24-bit, 216-kHz Capable
– 50-ps Ultralow Jitter
– Non-PCM Detection (IEC61937, DTS-CD/LD)
– 12x S/PDIF Input Ports:
– 2x Coaxial S/PDIF Inputs
– 10x Optical S/PDIF Inputs
• Digital Audio I/F Transmitter (DIT):
– 24-Bit, 216-kHz Capable
– 24-Bit Data Length
– 48-Bit Channel Status Buffer
– Synchronous/Asynchronous Operation
• Routing Function:
– Input: 3x PCM, 1x DIR
– Output: Main Out, Aux Out, DIT
– Multi-Channel (8-Ch) PCM Routing
• Other Function Features:
– Power Down (Pin and Register Control)
– PCM Port Sampling Frequency Counter
– GPIO and GPO
– OSC for External Crystal (24.576 MHz)
– SPI™, I2C™ or Hardware Control Modes
• Power Supply:
– 3.3 V (2.9 V to 3.6 V) for DIX, All Digital
• Operating Temperature: –40°C to +85°C
• Package: 48-Pin LQFP

APPLICATIONS
• Home Theater and AVR Equipment
• Television and Soundbars
• Musical Instruments, Recording, and
Broadcast
• High-Performance Soundcards

DESCRIPTION
The DIX9211 is a complete analog and digital
front-end for today's multimedia players and
recorders.
The DIX9211 integrates an S/PDIF transceiver with
up to 12 multiplexed inputs and 3x PCM inputs to
allow other audio receivers to be multiplexed along
with the analog and S/PDIF signals to a digital signal
processor (DSP).




Similar Part No. - DIX9211PTR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIX9211PTR TI1-DIX9211PTR Datasheet
935Kb / 107P
216-kHz Digital Audio Interface Transceiver (DIX)
More results


Similar Description - DIX9211PTR.B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
216-kHz Digital Audio Interface Transceiver (DIX)
PCM9211 TI1-PCM9211 Datasheet
1Mb / 121P
216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
Digital Audio Interface Transceiver
May, 2013
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
Digital Audio Interface Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com