Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802 Datasheet (PDF) - Wolfson Microelectronics plc

WM8802 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8802
Download  WM8802 Download
File Size   516.36 Kbytes
Page   65 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Digital Audio Interface Transceiver

WM8802 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8802 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8802
Download  WM8802 Click to download

File Size   516.36 Kbytes
Page   65 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Digital Audio Interface Transceiver

WM8802 Datasheet (HTML) - Wolfson Microelectronics plc


WM8802 Product details

DESCRIPTION
The WM8802 is a digital audio interface transceiver conforming to IEC 60958/61937 and EIAJ CP-1201. The device supports data sampling input rates of up to 192 kHz. Data input to the serial digital audio data input pin can also be modulated. The WM8802 features up to 6 data inputs and 1 data output.

FEATURES
• PLL circuit for synchronization with transferred input biphase mark signal.
• Input sampling frequency: 32kHz to 192kHz
• Outputs clocks: fs, fs/2, 2fs, 32fs, 64fs, 128fs, 256fs, 384fs, and 512fs.
• 4-Wire CCB MPU Serial Control or Hardware Default Interface
• Master or Slave Clocking Mode
• Programmable Audio Data Interface Modes
    − I2S, Left, Right Justified
    − 16/20/24/32 bit Word Lengths
• 3.3V Digital supply Operation
• 5V tolerant digital input portsAPPLICATIONS
• DVD Receivers
• AV Amplifiers
• DVD Recorders




Similar Part No. - WM8802

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
DIGITAL AUDIO INTERFACE RECEIVER
WM8803CDT WOLFSON-WM8803CDT Datasheet
376Kb / 45P
DIGITAL AUDIO INTERFACE RECEIVER
WM8803CDT/V WOLFSON-WM8803CDT/V Datasheet
376Kb / 45P
DIGITAL AUDIO INTERFACE RECEIVER
WM8804 WOLFSON-WM8804 Datasheet
699Kb / 66P
1:1 Digital Interface Transceiver with PLL
logo
Cirrus Logic
WM8804 CIRRUS-WM8804 Datasheet
723Kb / 66P
1:1 Digital Interface Transceiver with PLL
More results


Similar Description - WM8802

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4114 AKM-AK4114 Datasheet
450Kb / 48P
HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
Digital Audio Interface Receiver
logo
Asahi Kasei Microsystem...
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
High Feature 192kHz 24bit Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
216-kHz Digital Audio Interface Transceiver (DIX)
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
Digital Audio Interface Transceiver
May, 2013
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
Digital Audio Interface Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com