Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8802
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8802 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
10
DEVICE DESCRIPTION
INITIAL SYSTEM SETTINGS
SYSTEM RESET (XMODE)
The system operates normally when XMODE is set to High after applying a supply voltage of 3.0V or
greater. Following power ON, the system is reset by setting XMODE to Low again.
A 10k
Ω pull-down or pull-up resistor can be used to set EMPHA/UO, AUDIO /VO, CKST and
INT for the following:
•
chip address
•
demodulation function master or slave
•
modulation function or general-purpose I/O function settings
If EMPHA/UO, AUDIO /VO, CKST , and INT are not pulled up or down, their state is undefined. A
pull-up or pull-down resistor should always be connected to these pins.
SETTING
PINS
Chip address
EMPHA/UO, AUDIO /VO
Demodulation function master or slave
CKST
Modulation function or general-
purpose I/O function
INT
Table 1 Pin Names and Settings
Set pin state
XMODE
DVDD
Normal system operation range
Setting completed
Undefined
Setting input
state
Output state
Setting input
state
Output state
Min 200
µµµµs
3.0V
3.3V
Figure 3 Setting Timing Chart of Function Setting Input Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com