Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802 Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8802
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802 Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8802 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 65Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
63
RECOMMENDED EXTERNAL COMPONENTS VALUES
ELEMENT
SYMBOL
RECOMMENDED
CONSTANT
APPLICATION
REMARK
Cc
0.1
µF
Power supply de-coupling
Ceramic capacitor
Rp
10 k
Ω
Function setting pull-down/pull-up
C1
1 pF to 33 pF
Crystal resonator load
NP0 characteristics ceramic capacitor
Rf
1 M
Ω
Oscillation amplifier feedback
Rd
220
Ω
Oscillation amplifier current limit
Ci
01
µF
Coaxial input DC cut
Ceramic capacitor
Ri
75
Ω
Coaxial input termination
C0
∗∗
PLL loop filter
Value as required for frequency input range
C1
∗∗
PLL loop filter
Value as required for frequency input range
R0
∗∗
PLL loop filter
Value as required for frequency input range
Table 23 Recommended Component Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com