Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8802
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8802 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
9
MICROCONTROLLER INTERFACE AC CHARACTERISTICS
Test Conditions
I/F AC Characteristics at Ta = 25
oC, AVDD = DVDD = 3.3V, AGND = DGND = 0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
XMODE pulse width, Low
tRST dw
200
−
−
µs
INT
pulse width, Low
tINT uw
1
5
1/fs
36
µs
CL pulse width, Low
tCL dw
100
−
−
ns
CL pulse width, High
tCL uw
100
−
−
ns
CL, CE setup time
tCL setup
50
−
−
ns
CL, CE hold time
tCE hold
50
−
−
ns
CL, DI setup time
tDI setup
50
−
−
ns
CL, DE hold time
tDI hold
50
−
−
ns
CL, CE hold time
tCL hold
50
−
−
ns
CL, DO delay time
tCL to DO
−
−
20
ns
CE, DO delay time
tCE to DO
−
−
20
ns
Notes:
1.
When INTOPF is set to "1", fs = input sampling frequency
t
CLuw
t
INTuw
CL
CE
DI
t
CEtoDO
t
CLtoDO
INT
DO
t
CLdw
t
DIsetup
t
DIhold
t
CEsetup
t
CEhold
t
CLhold
Hi-Z
Figure 2 Micro-controller Interface AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com