Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8802
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8802 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8802 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
26
OUTPUT DATA SWITCHING (SDIN, RDATA)
RDATA demodulation data is output when the PLL is locked and the SDIN input is selected This
switching is automatically performed according to the locked/unlocked status of the PLL. For details,
see the timing charts below.
Switch to a clock source synchronized to the SDIN data when SDIN input data is selected.
The SDIN input data can be output to RDATA regardless of the locked/unlocked status of the PLL
using RDTSTA setting.
The RDATA output data can be forcibly muted using the RDTMUT setting.
The PLL continues operating when the clock source is set to XIN using OCKSEL and RCKSEL as
long as its operation is not stopped using PLLOPR. The PLL status is continuously output from
RERR as long as error output is not forcibly set with RESTA. The processed information can also be
read with the micro-controller interface regardless of the PLL status.
RERR
(a) Lock-in stage
RDATA
UNLOCK
LOCK
(b) Unlock stage
RERR
RDATA
PLL locked status
LOCK
UNLOCK
SDIN data
Muted
Demodulation data
SDIN data
Demodulation data
Muted
PLL locked status
CKST
CKST
Figure 18 RDATA Output Data Switch Timing Chart
DATA BLOCK DIAGRAM (RX0 TO RX6, TX0, RXOUT, TDATA, RDATA, SDIN)
The RDATA output data is switched to SDIN input data using RDTSEL.
The SDIN input data can be input to the modulation function using TDTSEL.
The modulation output is an input to the Input Switch Multiplexer and can be output from RXOUT. It
is possible to use a signal that has been digitized with an A/D converter for digital recording output,
etc. using this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com