Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet (PDF) - Cirrus Logic

WM8804 Datasheet PDF - Cirrus Logic
Part # WM8804
Download  WM8804 Download
File Size   723.73 Kbytes
Page   66 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 1:1 Digital Interface Transceiver with PLL

WM8804 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8804 Datasheet PDF - Cirrus Logic

Part # WM8804
Download  WM8804 Click to download

File Size   723.73 Kbytes
Page   66 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 1:1 Digital Interface Transceiver with PLL

WM8804 Datasheet (HTML) - Cirrus Logic


WM8804 Product details

DESCRIPTION
The WM8804 is a high performance consumer mode S/PDIF transceiver with support for 1 received channel and 1 transmitted channel.
A crystal derived, or externally provided high quality master clock is used to allow low jitter recovery of S/PDIF supplied master clocks.
Generation of all typically used audio clocks is possible using the high performance internal PLL. A dedicated CLKOUT pin provides a high drive clock output.
A pass through option is provided which allows the device simply to be used to clean up (de-jitter) the received digital audio signals.
The device may be used under software control or stand alone hardware control modes. In software control mode, both 2-wire with read back and 3-wire interface modes are supported.

FEATURES
• S/PDIF (IEC60958-3) compliant.
• Advanced jitter attenuating PLL with low intrinsic period
   jitter of 50 ps RMS.
• S/PDIF recovered clock using PLL, or stand alone crystal
   derived clock generation.
• Supports 10 – 27MHz crystal clock frequencies.
• 2-wire / 3-Wire serial or hardware control interface.
• Programmable audio data interface modes:
   - I2S, Left, Right Justified or DSP
   - 16/20/24 bit word lengths
• 1 channel receiver input and 1 channel transmit output.
• Auto frequency detection / synchronisation.
• Selectable output status data bits.
• Up to 3 configurable GPO pins.
• De-emphasis flag output.
• Non-audio detection including DOLBYTM and DTSTM.
• Channel status changed flag.
• Configurable clock distribution with selectable output
   MCLK rate of 512fs, 256fs, 128fs and 64fs.
• 2.7 to 3.6V digital and PLL supply voltages.
• 20-lead SSOP package.

APPLICATIONS
• AV processors and Hi-Fi systems
• Music industry applications
• DVD-P/DVD-RW
• Digital TV




Similar Part No. - WM8804

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8804 WOLFSON-WM8804 Datasheet
699Kb / 66P
1:1 Digital Interface Transceiver with PLL
WM8804GEDS WOLFSON-WM8804GEDS Datasheet
699Kb / 66P
1:1 Digital Interface Transceiver with PLL
WM8804GEDSR WOLFSON-WM8804GEDSR Datasheet
699Kb / 66P
1:1 Digital Interface Transceiver with PLL
More results


Similar Description - WM8804

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4289BM ATMEL-U4289BM Datasheet
163Kb / 10P
AM/FM PLL with 1 Switch
logo
Wolfson Microelectronic...
WM8804 WOLFSON-WM8804 Datasheet
699Kb / 66P
1:1 Digital Interface Transceiver with PLL
WM8805 WOLFSON-WM8805 Datasheet
853Kb / 65P
8:1 Digital Interface Transceiver with PLL
logo
VTI technologies
SCA830-D07 VTI-SCA830-D07 Datasheet
107Kb / 6P
1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
Digital Audio Interface Transceiver
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
Digital Line Interface Transceiver
logo
Murata Manufacturing Co...
SCA830-D07 MURATA-SCA830-D07 Datasheet
186Kb / 5P
SCA830-D07 1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
SCA830-D07-1 MURATA-SCA830-D07-1 Datasheet
158Kb / 6P
SCA830-D07 1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
logo
Cirrus Logic
WM8805 CIRRUS-WM8805 Datasheet
878Kb / 66P
8:1 Digital Interface Transceiver with PLL
logo
List of Unclassifed Man...
HT140WXB-100 ETC-HT140WXB-100 Datasheet
1Mb / 35P
1 Channel LVDS Interface with 1 pixel / clock
2009.6.27.
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com