Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8805 Datasheet (PDF) - Wolfson Microelectronics plc

WM8805 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8805
Download  WM8805 Download
File Size   853.95 Kbytes
Page   65 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 8:1 Digital Interface Transceiver with PLL

WM8805 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8805 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8805
Download  WM8805 Click to download

File Size   853.95 Kbytes
Page   65 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 8:1 Digital Interface Transceiver with PLL

WM8805 Datasheet (HTML) - Wolfson Microelectronics plc


WM8805 Product details

DESCRIPTION

The WM8805 is a high performance consumer mode S/PDIF transceiver with support for 8 received Channels and 1 transmitted Channel. A crystal derived, or externally provided high quality master clock is used to allow low jitter recovery of S/PDIF supplied master clocks.



FEATURES

• S/PDIF (IEC60958-3) compliant.

• Advanced jitter attenuating PLL with low intrinsic period jitter of 50 ps RMS.

• S/PDIF recovered clock using PLL, or stand alone crystal derived clock generation.

• Supports 10 – 27MHz crystal clock frequencies.

• 2-wire / 3-Wire serial or hardware control interface.

• Programmable Audio data interface modes:

  - I2S, Left, Right Justified or DSP

  -  16/20/24 bit word lengths

• 8 channel receiver input and 1 channel transmit output.

• Auto frequency detection / synchronisation.

• Selectable output status data bits.

• Up to 8 configurable GPO pins.

• De-emphasis flag output.

• Non-audio detection including DOLBY™ and DTS™.

• Channel status changed flag.

• Configurable clock distribution with selectable output MCLK rate of 512fs, 256fs, 128fs and 64fs.

• 2.7 to 3.6V digital and PLL supply voltages.

•28-lead SSOP package.





APPLICATIONS

• Surround Sound AV processors and Hi-Fi systems

•Music industry applications

• DVD-P/DVD-RW

• Digital TV




Similar Part No. - WM8805

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8805 CIRRUS-WM8805 Datasheet
878Kb / 66P
8:1 Digital Interface Transceiver with PLL
More results


Similar Description - WM8805

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164 EXAR-XRT6164 Datasheet
495Kb / 10P
Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
492Kb / 10P
Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A_07 Datasheet
102Kb / 10P
Digital Line Interface Transceiver
logo
Wolfson Microelectronic...
WM8804 WOLFSON-WM8804 Datasheet
699Kb / 66P
1:1 Digital Interface Transceiver with PLL
logo
Exar Corporation
XRT6164A_0710 EXAR-XRT6164A_0710 Datasheet
122Kb / 10P
Digital Line Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
Digital Audio Interface Transceiver
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
Digital Line Interface Transceiver
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
Digital Audio Interface Transceiver
logo
Cirrus Logic
WM8804 CIRRUS-WM8804 Datasheet
723Kb / 66P
1:1 Digital Interface Transceiver with PLL
WM8805 CIRRUS-WM8805 Datasheet
878Kb / 66P
8:1 Digital Interface Transceiver with PLL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com