Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT6164 Datasheet (PDF) - Exar Corporation

XRT6164 Datasheet PDF - Exar Corporation
Part # XRT6164
Download  XRT6164 Download
File Size   495.45 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Digital Line Interface Transceiver

XRT6164 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT6164 Datasheet PDF - Exar Corporation

Part # XRT6164
Download  XRT6164 Click to download

File Size   495.45 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Digital Line Interface Transceiver

XRT6164 Datasheet (HTML) - Exar Corporation


XRT6164 Product details

GENERAL DESCRIPTION

The XRT6164 is a CMOS analog chip intended for general purpose line interface applications at bit rates up to 1.544Mbps (T1). It contains both receive and transmit circuitry in a 16-pin dual-in-line plastic package. The receiver is designed for short line applications having a cable loss up to 10dB measured at the half bit rate. The transmitter has open collector line driver outputs that are capable of handling up to 40mA. When used in conjunction with either XRT6165 or XRT6166, the chip set provides a 64Kbps codirectional interface as specified in CCITT G.703.



FEATURES

• Single 5V Supply

• CCITT G.703 Compatible When Used With Either XR-T6165 or XR-T6166

• Low Power

• TTL Compatible Digital Inputs and Outputs

• Links Remote Equipment at Distances up to 500 Meters Without Equalization

• Receive Data Comparator Threshold Storage Provides Ping-Pong Operation Capability

• Loss of Signal Alarm

• Dual Matched Driver Outputs



APPLICATIONS

• Data Adaption Unit (DAU)

• General Purpose TTL Compatible Line Interface



 




Similar Part No. - XRT6164

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164 EXAR-XRT6164 Datasheet
99Kb / 10P
Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
492Kb / 10P
Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
102Kb / 10P
Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
122Kb / 10P
Digital Line Interface Transceiver
XRT6164AID EXAR-XRT6164AID Datasheet
492Kb / 10P
Digital Line Interface Transceiver
More results


Similar Description - XRT6164

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
logo
Exar Corporation
XRT6164A EXAR-XRT6164A Datasheet
492Kb / 10P
Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164_07 Datasheet
99Kb / 10P
Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A_07 Datasheet
102Kb / 10P
Digital Line Interface Transceiver
XRT6164A_0710 EXAR-XRT6164A_0710 Datasheet
122Kb / 10P
Digital Line Interface Transceiver
logo
CML Microcircuits
CMX615 CMLMICRO-CMX615 Datasheet
584Kb / 26P
Digital Line to POTS Interface
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
Digital Audio Interface Transceiver
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
Digital Line Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
Digital Audio Interface Transceiver
May, 2013
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
Digital Audio Interface Transceiver
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com