Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet (PDF) - Wolfson Microelectronics plc

WM8803 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8803
Download  WM8803 Download
File Size   376.96 Kbytes
Page   45 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description DIGITAL AUDIO INTERFACE RECEIVER

WM8803 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8803 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8803
Download  WM8803 Click to download

File Size   376.96 Kbytes
Page   45 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description DIGITAL AUDIO INTERFACE RECEIVER

WM8803 Datasheet (HTML) - Wolfson Microelectronics plc


WM8803 Product details

DESCRIPTION

The WM8803 is a digital audio interface receiver conforming to IEC 60958/61937 and EIAJ CP-1201. It supports input audio data rates up to 192kHz and a maximum output data length of 24 bits.

The WM8803 has a flexible digital output port that allows the user access to channel status pre-emphasis information, input signal sampling frequency, sub-code Q data with the associated CRC flags and other status data.



FEATURES

• PLL circuit for synchronization with transferred input biphase mark signal.

• Input sampling frequency: 32kHz to 192kHz

• Outputs clocks: fs, 64fs, and one of 128fs, 256fs, 384fs, and 512fs.

• 4-Wire CCB MPU Serial Control or Hardware Default Interface

•Master Clocking Mode

• Programmable Audio Data Interface Modes

−I2S, Left, Right Justified

− 16/20/24/32 bit Word Lengths

• 3.3V Digital supply Operation

• 5V tolerant digital input ports



APPLICATIONS

•DVD Receivers

•DVD-R/W Players

• Audio Video Receivers

• Portable Music Players




Similar Part No. - WM8803

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFT WOLFSON-WM8802SCFT Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFTV WOLFSON-WM8802SCFTV Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFV WOLFSON-WM8802SCFV Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8804 WOLFSON-WM8804 Datasheet
699Kb / 66P
1:1 Digital Interface Transceiver with PLL
More results


Similar Description - WM8803

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com