Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
9
DEVICE DESCRIPTION
SYSTEM RESET (
_____
PD)
The system operates normally when PD is set to high level after applying a supply voltage of
2.7V(3.0V) or higher. Following power ON, the system is reset by setting PD to low level again.
System reset is enabled by setting PDB at power on.
If a crystal oscillator is used, after setting PD low level and then high level, at least 10ms should be
allowed before starting normal operation until the oscillator element is stable.
VDD
PD
System reset
System operation
2.7V
2.0V
t >
µµµµ200 sec
t
Figure 3 PD Pin Levels at Power On
LOW POWER MODES
The WM8803 not only supports a total system power down mode controlled with the PD pin but also
provides low-power modes in which only certain functions operate. These low power modes are
controlled by PDOWN[1:0].
The “power down” mode controlled by the PD pin applies to all circuits in the WM8803. All clocks
are stopped and the registers are initialized.
The XIN and XOUT pins continue to operate in the PDOWN[1:0] controlled low power mode, which
stops all circuits other than the oscillator amplifier. The XOUT signal can be used as the master clock
for a DSP or other circuits.
The CLKOUT, BCLK, LRCLK, SDATO, SDIN, XIN and XOUT pins continue to operate in the
PDOWN[1:0] controlled low power mode, which stops all circuits other than the oscillator amplifier
and the divider circuit . This mode can be used to minimize power consumption during analogue data
reception.
In a low power mode set with the PDOWN[1:0] and with the oscillator amplifier stopped by setting
AMPOPR, it will not be possible for the WM8803 to provide a clock output. The AMPOPR overrides
all other oscillator settings. Note that the PLLOPR setting is invalid and the PLL circuit will be
stopped.
When a low power mode is set up with the PDOWN[1:0], it is possible to write to the micro-controller
registers. However, all the sub-code Q and channel status data will read out as zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com