Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8803 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
w
WM8803
Digital Audio Interface Receiver
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Product Preview, September 2003, Rev 1.1
Copyright
2003 Wolfson Microelectronics plc
DESCRIPTION
The WM8803 is a digital audio interface receiver conforming
to IEC 60958/61937 and EIAJ CP-1201. It supports input
audio data rates up to 192kHz and a maximum output data
length of 24 bits.
The WM8803 has a flexible digital output port that allows the
user access to channel status pre-emphasis information, input
signal sampling frequency, sub-code Q data with the
associated CRC flags and other status data.
The WM8803 can output an externally input clock signal that
can be used as an ADC converter clock when the PLL is
unlocked. It also maintains the continuity of the output clock
when the clock is switched.
The WM8803 includes a built-in oscillator and serial data
input circuits and allows the system micro-controller to read
the sub-code Q data and the channel status. It provides
several low-power modes, thus supporting applications that
require long battery life, such as portable audio devices and
PDAs.
The device is available in a 24-pin TSSOP package.
FEATURES
•
PLL circuit for synchronization with transferred input bi-
phase mark signal.
•
Input sampling frequency: 32kHz to 192kHz
•
Outputs clocks: fs, 64fs, and one of 128fs, 256fs, 384fs,
and 512fs.
•
4-Wire CCB MPU Serial Control or Hardware Default
Interface
•
Master Clocking Mode
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified
−
16/20/24/32 bit Word Lengths
•
3.3V Digital supply Operation
•
5V tolerant digital input ports
APPLICATIONS
•
DVD Receivers
•
DVD-R/W Players
•
Audio Video Receivers
•
Portable Music Players
BLOCK DIAGRAM
W
WM8803
PLL
MICROCONTROLLER INTERFACE
DEMODULATION
AND LOCK
DETECTION
DATA
BUFFER
CLOCK
SELECTOR
FS
CALCULATOR
AUDIO
INTERFACE
AMP
C & U
DI
CL
CE
PD
AUDIO
DO
E/INT
UGPI
RXIN
LPF
XIN
XOUT
SDIN
ERROR
CLKOUT
BCLK
LRCLK
SDATO
AVDD
AGND
DVDD
DGND


Similar Part No. - WM8803

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFT WOLFSON-WM8802SCFT Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFTV WOLFSON-WM8802SCFTV Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFV WOLFSON-WM8802SCFV Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8804 WOLFSON-WM8804 Datasheet
699Kb / 66P
1:1 Digital Interface Transceiver with PLL
More results

Similar Description - WM8803

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com