Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
8
Test Conditions
Ta = 25°C, AVDD = DVDD = 3.3V, AGND = DGND = 0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLKOUT to BCLK delay
tMBO
—
—
10
ns
BCLK to SDATO delay
tBDO
—
—
5
ns
____
UGPI low-level pulse width
tTKT
1
—
—
100
ms
Notes:
1. When setting the clock switching transition period signal output
MICRO-CONTROLLER INTERFACE TIMING REQUIREMENTS
Test Conditions
Ta = -30~70°C, AVDD = DVDD = 3.3V, AGND = DGND = 0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Micro-controller Interface Timing Information
PD low-level pulse width
TPDdw
200
—
—
µs
E/INT high-level pulse width
TINTuw
1
5
1/fs
63
µs
CL low-level pulse width
TCLdw
100
—
—
ns
CL high-level pulse width
TCLuw
100
—
—
ns
CL to CE setup time
tCEsetup
50
—
—
ns
CL to CE hold time
TCEhold
50
—
—
ns
CL to DI setup time
TDIsetup
50
—
—
ns
CL to DI hold time
TDIhold
50
—
—
ns
CL to CE hold time
TCLhold
50
—
—
ns
CL to DO delay time
tCLtoDO
—
—
20
ns
CE to DO delay time
tCEtoDO
—
—
20
ns
Notes:
1. INTOPF = “1”, INTSEL = “1”, and fs is the input sampling frequency.
t
CLuw
t
INTuw
CL
CE
DI
t
CEtoDO
t
CLtoDO
E/INT
DO
t
CLdw
t
DIsetup
t
DIhold
t
CEsetup
t
CEhold
t
CLhold
Hi-Z
Figure 2 Micro-controller Interface Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com