Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
35
FSSEL[3:0]:
Input data reception range setting
(When FLIMIT = “1” and FS4XIN = “1”)
0000: 64k, 88.2k, 96k 128k, 176.4k, or 192kHz (initial value)
0001: 64kHz only
0010: 88.2kHz only
0011: 96kHz only
0100: 176.4kHz only
0101: 192kHz only
0110: 88.2k or 176.4kHz only
0111: 96k or 192kHz only
1000: 64k or 88.2k or 96kHz only
1001-1111: Reserved
OFSEL[2:0]:
Serial audio data output format setting
000: 24-bit MSB first left-justified data output (initial value)
001: 24-bit I
2S data output
010: 24-bit MSB first right-justified data output
011: 20-bit MSB first right-justified data output
100: 16-bit MSB first right-justified data output
101-100: Reserved
101: Bi-phase data output
110: 28-bit I
2S data output (NRZ data output)
111: 28-bit LSB first left-justified data output (NRZ data output)
RDTSEL:
SDATO output setting in the PLL unlocked state
0: Output the SDIN data in the PLL unlocked state. (initial value)
1: Mute the output in the PLL unlocked state.
RDTSTA:
SDATO output setting
0: Observe the RDTSEL setting. (initial value)
1: Output the SDIN data regardless of the PLL state.
RDTMUT:
SDATO mute setting
0: Output the data selected by RDTSEL. (initial value)
1: Mute the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com