Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
39
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
0
0
FSCAL2
FSCAL1
FSCAL0
0
OUTPCM
OUTERR
0
8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
16
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
24
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
32
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
Bit 24
40
Bit 39
Bit 38
Bit 37
Bit 36
Bit 35
Bit 34
Bit 33
Bit 32
48
Bit 47
Bit 46
Bit 45
Bit 44
Bit 43
Bit 42
Bit 41
Bit 40
Table 22 Output Register: Input fs Calculation Result and Channel Status Data (0xEC)
Error information, non-PCM information, input fs calculation result, and channel status data can be
read from this register. Note that the error information and the non-PCM data information are the
same as those read from 0xEB.
OUTERR:
ERROR output
(Outputs the state when read)
0: No transmission error and the PLL circuit is in the PLL locked state
1: Either a transmission error occurred or the PLL circuit is in the unlocked
state.
OUTPCM:
AUDIO
output (Outputs the state when read)
0: Non-PCM signal not detected.
1: Non-PCM signal detected.
The input data fs calculation result is allocated as shown in Table 23. The target calculation
frequencies differ depending on the FS4XIN setting. The calculation range differs slightly depending
on the XIN clock frequency.
FS4XIN = 0
FS4XIN = 1
FSCAL2
FSCAL1
FSCAL0
TARGET
FS
CALCULATED
RANGE
TARGET
FS
CALCULATED
RANGE
0
0
0
Out of range
—
Out of range
—
0
0
1
32kHz
30.9k to 33.2kHz
64kHz
62.0k to 66.4kHz
0
1
0
44.1kHz
42.5k to 45.8kHz
88.2kHz
85.5k to 91.0kHz
0
1
1
48kHz
46.3k to 49.9kHz
96kHz
92.6k to 99.0kHz
1
0
0
64kHz
62.1k to 66.4kHz
128kHz
124.0k to 132.8kHz
1
0
1
88.2kHz
85.6k to 91.0kHz
176.4kHz
171.0k to 182.2kHz
1
1
0
96kHz
92.6k to 99.0kHz
192kHz
185.1k to 198.0kHz
1
1
1
—
—
—
—
Table 23 Input fs Calculation Result (Ta = 25°C, VDD = 3.3V, XIN = 11.2896MHz)
The channel status reads out the first 48bits of the data.
Since the channel status consists of 192 frames, updated data can always be read out by reading
with a period 192 times the period of the input sampling frequency.
The processing load on the micro-controller can be reduced by setting the E/INT pin to interrupt the
output and using the update flag interrupt to read out the data. This flag is output when a comparison
of the first 48bits of the current data and the data for the previous block indicates that they are the
same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com