Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
32
WRITE DATA DETAILED DOCUMENTATION
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
MCKHFO
PLLCK1
PLLCK0
PLLOPR
PDOWN1
PDOWN0
0
SYSRST
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
XISEL3
XISEL2
XISEL1
XISEL0
OCKSEL
AMPCNT
AMPOPR
0
Table 17 Input Register Function Settings 1: System Settings (0xE8)
SYSRST:
System reset
0: No reset performed (initial value)
1: Reset all circuits other than the command registers.
PDOWN[1:0]:
Low power mode settings
(Allows the operation of specific
functions only)
00: Normal operation (initial value)
01: Only the oscillator amplifier operates.
10: Only the oscillator amplifier and the output clock divider operate.
11: Reserved
PLLOPR:
PLL (VCO) operate/stop setting
0: Operate (initial value)
1: Stop
PLLCK[1:0]:
PLL locked state clock frequency setting
00: 256fs (initial value)
01: 384fs
10: 512fs
11: (512/2)fs = 256fs
MCKHFO:
CLKOUT output clock frequency setting
0: 1/1 output (initial value)
1: 1/2 output
In the PLL locked state when switching from the 512fs setting with the PLLCK[1:0] = “10” to the
(512/2)fs setting with the PLLCK[1:0] = “11” it is possible to maintain clock continuity without entering
the PLL lock error state..This is also the case when switching in the reverse direction.
For systems such as portable equipment power consumption can be minimized,by setting
PLLCK[1:0]
= “00” (256fs). Systems such as AV amplifiers that required best performance, the
PLLCK[1:0]
= “10” (512fs) or the PLLCK[1:0] = “11” (512/2fs) setting is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com