Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
33
AMPOPR:
Oscillator amplifier operate/stop setting
0: Operate (initial value)
1: Stop
AMPCNT:
Oscillator amplifier state setting
0: Automatically stop in the PLL locked state (initial value)
1: Always operate
OCKSEL:
Clock source setting
0: Use the XIN clock as the source when the PLL is unlocked (initial
value)
1: Use the XIN clock as the source regardless of the PLL state.
XISEL[3:0]:
XIN input frequency setting
0000: 11.2896MHz (initial value)
0001: 12.288MHz
0010: 16.9344MHz
0011: Reserved
0001: 22.5792MHz
0010: 24.576MHz
0010: 33.8688MHz
0011: Reserved
1xxx: Setting used when the CLKOUT pin and the XIN pin are
connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com