Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
7
SYSTEM TIMING REQUIREMENTS
Test Conditions
Ta = 25°C, AVDD = DVDD = 3.3V, AGND = DGND = 0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Timing Information
RXIN sampling frequency
fFS1
1
30
—
195
kHz
RXIN sampling frequency
fFS2
2
30
—
108
kHz
XIN clock frequency
fXF1
3
—
11.2896
—
MHz
XIN clock frequency
fXF2
4
—
12.2880
—
MHz
XIN clock frequency
fXF3
5
—
16.9344
—
MHz
XIN clock frequency
fXF4
6
—
22.5792
—
MHz
XIN clock frequency
fXF5
7
—
24.5760
—
MHz
XIN clock frequency
fXF6
8
—
33.8688
—
MHz
CLKOUT clock frequency
FMCK
2
—
100
MHz
CLKOUT clock jitter
tj
—
200
—
ps
Notes:
1. PLLCK [1:0] = “00”
2. Settings other than PLLCK [1:0] = “00”.
3. XISEL [3:0] = “0000”
4. XISEL [3:0] = “0001”
5. XISEL [3:0] = “0010”
6. XISEL [3:0] = “0100”
7. XISEL [3:0] = “0101”
8. XISEL [3:0] = “0110”
SERIAL INTERFACE TIMING REQUIREMENTS
CLKOUT
BCLK
SDATAO
t
BDO
LRCLK
UGPI
t
MBO
t
TKT
Figure 1 Serial Interface Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com