Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
23
status data delimiter bit 1. In this case, the parity error flag used for data recognized as PCM data will
not be output.
OTHER ERRORS
Even when ERROR has gone low, the WM8803 always acquires bits 24 to 27 (sampling frequency)
of the channel status and compares the current data with that of the previous block. If any
differences are found, ERROR is immediately set to the high level and the state is handled as a PLL
lock error.
Similarly, when FLIMIT is set to restrict fs input range and the input fs calculation results are reflected
in the error flags, fs calculation results are compared continuously. If a disparity occurs in the data,
ERROR will immediately go high, and the state will be handled as a PLL lock error.
ERROR OCCURRENCE PROCESSING
This section describes the data processing performed when an error occurs. When up to 8
consecutive input parity errors occur and if the transmitted data is PCM audio data, the data is
replaced with the corresponding left and right channel data from the immediately preceding frame. If
the transmitted data is non-PCM data, the error data is output without modification. Non-PCM data is
based on data that was detected before the input parity error that occurred, and is data for which the
channel status bit 1 non-PCM data detection bit is “1”.
The output data is muted when 9 or more consecutive parity errors, or a PLL lock error, occur.
For the channel status output when a parity error occurs, the data for the previous block is retained.
DATA AND
DETECTION FLAGS
PLL LOCK
ERROR
INPUT PARITY
ERROR (A)
INPUT PARITY
ERROR (B)
INPUT PARITY
ERROR (C)
SDATO output pin
L
L
Previous data
Output
Input fs calculation
L
L
Output
Output
Channel status data
L
L
Previous data
Previous data
Sub-code Q data
L
L
Output
—
Table 10 Data Processing when Errors Occur
Notes:
1.
Input parity error (A): When 9 or more consecutive parity errors occur
2.
Input parity error (B): When up to 8 consecutive parity errors occur in audio data
3.
Input parity error (C): When up to 8 consecutive parity errors occur in non-PCM burst
data
The figure below presents an example of the data processing performed when a parity error occurs.
ERROR
SDATAO
R-ch
Previous data value
Input Data
LRCLK
An error occurs a single time
Muted after 9 or more
consecutive errors
L-ch R-ch ….
Previous data value
R-2
L-2
R-0
L-1
R-0
L-0
L-2 R-2 L-2 R-2 L-2 R-2 L-2 R-2
L-4
R-3
L-3
R-2
L-2
R-1
R-4 L-5 R-5 L-6 R-6 L-7 R-7 L-8 R-8
L-1
Figure 18 Data Processing Example Following a Parity Error (When PCM data is
received)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com