Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8803 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
XOUT
Analogue Output
Oscillation amplifier circuit output pin
2
ERROR
Digital Output
PLL lock error and data error output pin
3
PD
5
Digital Input
System reset and low power mode control input pin (5V tolerant)
4
NC
Digital Input
Non connection
5
CE
5
Digital Input
Micro-controller interface: chip enable input pin (5V tolerant)
6
CL
5
Digital Input
Micro-controller interface: serial clock input pin (5V tolerant)
7
DI
5
Digital Input
Micro-controller interface: write data input pin (5V tolerant)
8
DO
Digital Output
Micro-controller interface: read data output pin
9
E / INT
Digital Output
Pre-emphasis detection or micro-controller interface interrupt output pin
10
AUDIO
Digital Output
Channel status bit 1 non-PCM data detection output pin
11
UGPI
Digital Output
User general purpose interface output pin
1
12
RXIN
5
Digital Input
Digital data input pin (5V tolerant)
13
DVDD
Supply
Digital system power supply
14
AVDD
Supply
Analog system power supply
15
LPF
Analogue Output
PLL loop filter connection pin
16
NC
No connection
17
AGND
Supply
Analog system ground
18
DGND
Supply
Digital system ground
19
CLKOUT
Digital Output
System clock output pin
2
20
BCLK
Digital Output
64fs clock output pin
21
LRCLK
Digital Output
Fs clock output pin
3
22
SDATO
Digital Output
Demodulated data output pin
23
SDIN
Digital Input
Serial digital data input pin (5V tolerant)
24
XIN
Digital Input
Oscillation amplifier element connection or external clock input pin
Notes:
1.
Micro-controller register output or clock switching transition period signal.
2.
128fs, 256fs, 384fs, 512fs, or oscillator amplifier outputs
3.
Other than I
2S mode;
Low: right channel, High: left channel
I
2S mode;
Low: left channel, High: right channel
4.
I/O voltage handling: I or O pins: –0.3 to +3.6V, except annotated pins: –0.3 to +5.5V
5.
To prevent logic circuit latch-up, all power supply levels must be applied or removed simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com