Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
13
The oscillator amplifier normally stops automatically when the PLL is locked, but continuous
operation can be set by AMPCNT. Setting the WM8803 to continuous operation mode makes it
possible to calculate the input sampling frequency when the PLL is locked. However, since both the
oscillator amplifier clock and the PLL clock signals will be present, users must determined whether or
not this adversely affects audio quality.
The oscillator amplifier can be stopped when not required by setting the AMPOPR. When returning
from stopped mode to operating mode the application must maintain its state for at least 10ms until
the oscillator stabilizes and normal operation resumes.
OUTPUT CLOCKS (CLKOUT, BCLK, LRCLK)
The clock source for the clock outputs CLKOUT, BCLK, and LRCLK can be selected from two
master clocks: the PLL circuit and the XIN pin.
Normally, when the PLL circuit is locked master clock is switched to the PLL source. When the PLL
circuit is unlocked, master clock automatically switches to the XIN source. The clock source can be
forcibly selected by setting OCKSEL. Clock continuity is maintained when the clock source is
switched due to the locked/unlocked state of the PLL circuit or by setting OCKSEL.
Clock switching depends on the PLL circuit locked/unlocked state at the time OCKSEL is set. If the
PLL source is selected by OCKSEL when the PLL circuit is unlocked, the switch will occur
automatically after the PLL circuit locks.
When VCO operation is stopped by setting PLLOPR, XIN becomes the clock source. However, clock
continuity cannot be maintained if the stopped state is set with the PLLOPR while the PLL circuit is
locked. Continuity cannot be maintained when switching from the PLL locked state with low power
mode set.
OCKSEL
0
1
PLL state
Locked
Unlocked
Locked
Unlocked
Clock source
PLL
XIN
XIN
XIN
Table 5 Command Settings, PLL States, and the Clock Source
Either the PLL clock or the XIN clock is output from CLKOUT. The CLKOUT clock signal is divided to
create the signals output from BCLK and LRCLK.
The frequency when the PLL circuit is locked is set with the PLLCK[1:0]. When switching from the
512fs setting, (PLLCK[1:0] = “10”) to the (512/2)fs setting (PLLCK[1:0] = “11”) in the PLL locked
state, it is possible to maintain clock continuity without losing the PLL lock. This is also true when
changing the frequency is the opposite direction..
Using the procedure shown in Figure 6 to switch between 512fs and (512/2)fs, the BCLK and LRCLK
output clock will maintain continuity and allow the CLKOUT output clock frequency to be held within a
narrow band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com