Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8803 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
22
When XIN is set to be the clock source with OCKSEL, the PLL circuit will operate as long as PLL
operation is not stopped by PDOWN[1:0] or PLLOPR. In this mode the state of the PLL circuit is
always output from the ERROR pin. Regardless of the PLL state information processed can be read
out over the micro-controller interface.
ERROR
SDATAO
PLL locked state
SDIN data
Muted
Demodulated data
Muted
SDIN data
UGPI
LOCK
UNLOCK
UNLOCK
UGPI: When the clock switching transition period signal is selected
Figure 17 SDATO Output Data Switching Timing Chart (when RDTSEL is set to “0”)
INPUT DATA SAMPLING FREQUENCY CALCULATION
This function calculates the input data sampling frequency using the XIN clock.
In modes where the oscillator amplifier is automatically stopped due to PLL circuit lock, the fs
calculation is performed and ERROR indicates the error state. Calculation completes at the same
time the oscillator amplifier is stopped and the fs value is retained. After calculation is confirmed, the
value does not change until the PLL circuit goes to the unlocked state. In continuous operation
mode, the oscillator amplifier continuously repeats the frequency calculation. Even when sampling
the input data during which the channel status sampled information does not change within the PLL
capture range, it will still be possible to read out a calculated result that follows the input data.
The calculated result can be read out from CCB address 0xEC or output registers DO4 to DO6. Note,
however, that when the PLL synchronizes with data that corresponds to 32k to 192kHz. The fs
calculation mode can be selected from two modes; a 32k to 96kHz calculation mode and a 64k to
192kHz calculation mode and is switched by FS4XIN. It is not possible to monitor an fs calculation
result for the whole 32k to 192kHz range at the same time.
In systems that connect CLKOUT to XIN and thus do not require an oscillator element, the fs
calculation result will always be “out of range”.
ERROR OUTPUT AND PROCESSING (ERROR)
LOCK ERROR AND DATA ERROR OUTPUT
The ERROR pin outputs a high level when the PLL is in the unlocked state or an error occurs in the
transmitted data.
PLL LOCK ERROR
The PLL circuit will go to the unlocked state for input data that does not conform to the bi-phase
modulation rules and for input data in which the preamble B, M, and W cannot be detected.
The ERROR output goes to the high level when a PLL lock error occurs and is held high until data
modulation has returned to normal for 15 to 50ms.
The rise and fall of the ERROR output is synchronized with LRCLK.
INPUT DATA TRANSMISSION ERROR
Odd input parity errors are detected from the parity bits in the input data.
When input parity errors occur for 9 or more consecutive cycles, the ERROR output goes high. The
high level is held until the PLL is in a locked state for 15 to 50ms, then ERROR returns low.
When 8 or fewer consecutive input parity errors occur, an error will only be output for intervals
between sub-frames for errors that occurred only when non-PCM data is recognized by the channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com