Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83620 Datasheet (PDF) - Texas Instruments

DP83620 Datasheet PDF - Texas Instruments
Part # DP83620
Download  DP83620 Download
File Size   976.36 Kbytes
Page   108 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)

DP83620 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83620 Datasheet PDF - Texas Instruments

Part # DP83620
Download  DP83620 Click to download

File Size   976.36 Kbytes
Page   108 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)

DP83620 Datasheet (HTML) - Texas Instruments


DP83620 Product details

1.1 Features
12
• Deterministic, Low Transmit and Receive
Latency
• Selectable Frequency Synchronized Clock
Output
• Dynamic Link Quality Monitoring
• TDR Based Cable Diagnostic and Cable Length
Detection
• 10/100 Mb/s Packet BIST (Built in Self Test)
• Error-Free Operation up to 150 Meters CAT5
Cable
• ESD Protection - 8 kV Human Body Model
• 2.5 V and 3.3 V I/Os and MAC Interface
• Auto-MDIX for 10/100 Mbps
• Auto-Crossover in Forced Modes of Operation
• RMII Rev. 1.2 and MII MAC Interface
• RMII Master Mode
• Synchronous Ethernet
• 25 MHz MDC and MDIO Serial Management
Interface
• IEEE 802.3u 100BASE-FX Fiber Interface
• IEEE 1149.1 JTAG
• Programmable LED Support for Link, 10 /100
Mb/s Mode, Duplex, Activity, and Collision
Detect
• Optional 100BASE-TX Fast Link Loss Detection
• Industrial Temperature Range
• 48 Pin WQFN Package (7mm) x (7mm)

1.2 Applications
• Factory Automation
• General Embedded Applications

1.3 Description
The DP83620 is a highly reliable, feature rich device suited for industrial applications. The DP83620 offers
low power consumption, including several intelligent power down states. In addition to low power, the
DP83620 is optimized for cable length performance far exceeding IEEE specifications. The DP83620
includes a 25MHz clock out. This allows the application to be designed with a minimum of external parts,
which in turn results in the lowest possible total cost of the solution.
The DP83620 offers innovative diagnostic features unique to Texas Instruments, including dynamic
monitoring of link quality during standard operation for fault prediction. These advanced features allow the
system designer to implement a fault prediction mechanism to detect and warn of deteriorating and
changing link conditions. This single port fast Ethernet transceiver can support both copper and fiber
media. The DP838620 also provides flexibility by supporting both MII and RMII interfaces.




Similar Part No. - DP83620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83620 TI1-DP83620 Datasheet
1Mb / 102P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
DP83620 TI-DP83620 Datasheet
1Mb / 105P
Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
DP83620 TI-DP83620 Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620 TI-DP83620 Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQ TI-DP83620SQ Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
More results


Similar Description - DP83620

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
logo
National Semiconductor ...
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF_06 Datasheet
3Mb / 108P
DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849ID NSC-DP83849ID_08 Datasheet
3Mb / 98P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Davicom Semiconductor, ...
DM9161 DAVICOM-DM9161_08 Datasheet
666Kb / 50P
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
DM9161CI DAVICOM-DM9161CI_1 Datasheet
106Kb / 2P
Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
logo
Texas Instruments
DP83620 TI1-DP83620 Datasheet
1Mb / 102P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
DP83620SQE TI1-DP83620SQE Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQ TI-DP83620SQ Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQE TI-DP83620SQE Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com