Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C387R Datasheet (PDF) - Texas Instruments

DS90C387R Datasheet PDF - Texas Instruments
Part # DS90C387R
Download  DS90C387R Download
File Size   930.36 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C387R 85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA

DS90C387R Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C387R Datasheet PDF - Texas Instruments

Part # DS90C387R
Download  DS90C387R Click to download

File Size   930.36 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C387R 85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA

DS90C387R Datasheet (HTML) - Texas Instruments


DS90C387R Product details

1FEATURES
2• Complies with Open LDI Specification for
Digital Display Interfaces
• 25 to 85MHz Clock Support
• Supports VGA through UXGA Panel
Resolution
• Up to 4.76Gbps Bandwidth in Dual 24-bit RGB
In-to-Dual Pixel Out Application
• Dual 12-bit Double Pumped Input DVO Port
• Pre-Emphasis Reduces Cable Loading Effects
• Drives Long, Low Cost Cables
• DC Balance Data Transmission Provided by
Transmitter Reduces ISI Distortion
• Transmitter Rejects Cycle-to-Cycle Jitter (±2ns
of Input Bit Period)
• Support both LVTTL and Low Voltage Level
Input (Capable of 1.0 to 1.8V)
• Two-Wire Serial Communication Interface up
to 400 KHz pin•
Programmable Input Clock and Control Strobe
Select
• Backward Compatible Configuration with
112MHz LDI and FPD-Link inter•
Optional Second LVDS Clock for Backward
Compatibility with FPD-Link Receivers
• Compatible with TIA/EIA-644

DESCRIPTION
The DS90C387R transmitter is designed to support
pixel data transmission from a Host to a Flat Panel
Display up to UXGA resolution. It is designed to be
compatible with Graphics Memory Controller Hub
(GMCH) by implementing two data per clock and can
be controlled by a two-wire serial communication
interface. Two input modes are supported: one port of
12-bit( two data per clock) input for 24-bit RGB, and two ports of 12-bit( two data per clock) input for dual
24-bit RGB( 48-bit total). In both modes, input data
will be clocked on both rising and falling edges in
LVTTL level operation, or clocked on the cross over of differential clock signals in the low swing operation.
Each input data width will be 1/2 of clock cycle. With
an input clock at 85MHz and input data at 170Mbps,
the maximum transmission rate of each LVDS line is
595Mbps, for a aggregate throughput rate of
2.38Gbps/4.76Gbps. It converts 24/48 bits
(Single/Dual Pixel 24-bit color) of data into 4/8 LVDS (Low Voltage Differential Signaling) data streams.
DS90C387R can be programmed via the two-wire
serial communication interface. The LVDS output pin•
out is identical to DS90C387. Thus, this transmitter
can be paired up with DS90CF388, receiver of the 112MHz LDI chipset or FPD-Link Receivers in non-
DC Balance mode operation which provides GUI/LCD
panel/mother board vendors a wide choice of inter•
operation with LVDS based TFT panels.
DS90C387R also comes with features that can be
found on DS90C387. Cable drive is enhanced with a
user selectable pre-emphasis feature that provides
additional output current during transitions to
counteract cable loading effects. DC Balancing on a
cycle-to-cycle basis is also provided to reduce ISI
(Inter-Symbol Interference), control signals (VSYNC,
HSYNC, DE) are sent during blanking intervals. With
pre-emphasis and DC Balancing, a low distortion eyepattern
is provided at the receiver end of the cable.
These enhancements allow cables 5 to 15+ meters in
length to be driven depending on media characteristic
and pixel clock speed. Pre-emphasis is available in
both the DC Balanced and Non-DC Balanced modes.
In the Non-DC Balanced mode backward
compatibility with FPD-Link Receivers is obtained.




Similar Part No. - DS90C387R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387R NSC-DS90C387R Datasheet
432Kb / 28P
85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
DS90C387RVJD NSC-DS90C387RVJD Datasheet
432Kb / 28P
85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
logo
Texas Instruments
DS90C387RVJD/NOPB TI1-DS90C387RVJD/NOPB Datasheet
1Mb / 32P
Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
DS90C387RVJDX/NOPB TI1-DS90C387RVJDX/NOPB Datasheet
1Mb / 32P
Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
DS90C387R TI1-DS90C387R_15 Datasheet
1Mb / 32P
Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
More results


Similar Description - DS90C387R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1455R SONY-CXB1455R Datasheet
234Kb / 15P
VGA/SVGA/XGA 24-bit Transmitter
logo
Analog Devices
AD8522 AD-AD8522 Datasheet
240Kb / 8P
5 Volt, Serial Input, Dual 12-Bit DAC
REV.A
logo
THine Electronics, Inc.
THC63LVD823 THINE-THC63LVD823 Datasheet
227Kb / 16P
Single(135MHz)/Dual(170MHz) Link LVDS Transmitter for SXGA/SXGA/UXGA
logo
STMicroelectronics
STLVDS385 STMICROELECTRONICS-STLVDS385 Datasheet
260Kb / 14P
3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
Feb-2004
logo
National Semiconductor ...
DS90CR288A NSC-DS90CR288A Datasheet
224Kb / 20P
28-Bit Channel Link-85MHz
DS90C387R NSC-DS90C387R Datasheet
432Kb / 28P
85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027 Datasheet
349Kb / 22P
85MHz 10Bits Dual LVDS Repeater
logo
Texas Instruments
DS90C387R TI1-DS90C387R_15 Datasheet
1Mb / 32P
Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
logo
THine Electronics, Inc.
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
24bit COLOR OPEN LDI(LVDS) TRANSMITTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com