Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS385 Datasheet (PDF) - STMicroelectronics

STLVDS385 Datasheet PDF - STMicroelectronics
Part # STLVDS385
Download  STLVDS385 Download
File Size   260.21 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ

STLVDS385 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLVDS385 Datasheet PDF - STMicroelectronics

Part # STLVDS385
Download  STLVDS385 Click to download

File Size   260.21 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ

STLVDS385 Datasheet (HTML) - STMicroelectronics


STLVDS385 Product details

DESCRIPTION
The STLVDS385 transmitter converts 28 bits of LVCMOS/LVTTL data into four LVDS (Low Voltage Differential Signaling) data streams. A phase-locked transmit clock is transmitted in parallel with the data streams over a fifth LVDS link. Every cycle of the transmit clock 28 bits of input data are sampled and transmitted. At a transmit clock frequency of 85 MHz, 24 bits of RGB data and 3 bits of LCD timing and control data (FPLINE, FPFRAME, DRDY) are transmitted at a rate of 595 Mbps per LVDS data channel. Using a 85 MHz clock, the data throughput is 297.5 Mbytes/sec. The transmitter can be programmed for Rising edge strobe or Falling edge strobe through a dedicated pin. A Rising edge or Falling edge strobe transmitter will inter operate with a Falling edge strobe Receiver without any translation logic.

■ 20 TO 85 MHz SHIFT CLOCK SUPPORT
■ BEST–IN–CLASS SET & HOLD TIMES ON TxINPUTs
■ Tx POWER CONSUMPTION <130 mW (typ) @85MHz GRAYSCALE
■ Tx POWER-DOWN MODE <200µW (max)
■ SUPPORTS VGA, SVGA, XGA aND SINGLE/DUAL PIXEL SXGA.
■ NARROW BUS REDUCES CABLE SIZE AND COST
■ UP TO 2.38 Gbps THROUGHPUT
■ UP TO 297.5 Megabytes/sec BANDWIDTH
■ 345 mV (typ) SWING LVDS DEVICES FOR LOW EMI
■ PLL REQUIRES NO EXTERNAL COMPONENTS
■ COMPATIBLE WITH TIA/EIA -644 LVDS STANDARD




Similar Part No. - STLVDS385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31B STMICROELECTRONICS-STLVDS31B Datasheet
702Kb / 15P
High speed differential line drivers
15-Jul-2009
STLVDS31BD STMICROELECTRONICS-STLVDS31BD Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BDR STMICROELECTRONICS-STLVDS31BDR Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
More results


Similar Description - STLVDS385

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C385 NSC-DS90C385 Datasheet
333Kb / 17P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
DS90C383B NSC-DS90C383B Datasheet
267Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF366 NSC-DS90CF366_06 Datasheet
781Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com