Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS385 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLVDS385
Description  3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS385 Datasheet(HTML) 2 Page - STMicroelectronics

  STLVDS385 Datasheet HTML 1Page - STMicroelectronics STLVDS385 Datasheet HTML 2Page - STMicroelectronics STLVDS385 Datasheet HTML 3Page - STMicroelectronics STLVDS385 Datasheet HTML 4Page - STMicroelectronics STLVDS385 Datasheet HTML 5Page - STMicroelectronics STLVDS385 Datasheet HTML 6Page - STMicroelectronics STLVDS385 Datasheet HTML 7Page - STMicroelectronics STLVDS385 Datasheet HTML 8Page - STMicroelectronics STLVDS385 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
STLVDS385
2/14
PIN CONFIGURATION
PIN DESCRIPTION
PlN N°
SYMBOL
NAME AND FUNCTION
1, 9, 26
VCC
PowerSupplypinsfor TTL Inputs
2, 3, 4, 6, 7, 8, 10, 11, 12,
14, 15, 16, 18, 19, 20, 22,
23, 24, 25, 27, 28, 30, 50,
51, 52, 54, 55, 56
TXIN
TTL level input. This includes: 8 Red, 8 Green, 8 Blue and 4 control lines-
FPLINE, FPFRAME, and DRDY (also referred to as HSYNC, VSYNC,
Data Enable)
5, 13, 21, 29
GND
Ground pins for TTL Inputs
17
R_FB
Programmable strobe select (See Table 1)
31
TxCLKIN
TTL level clock input. Pin name TxCLK IN
32
PWRDWN
TTL level input. When asserted (low input) TRI-STATES the outputs,
ensuring low current at power down
33, 35
PLL GND
Ground pins for PLL
34
PLL VCC
PowerSupplypin forPLL
36, 43, 49
LVDS GND
Ground pins for LVDS outputs
37, 41, 45, 47
TxOUT+
Positive LVDS differential data output
38, 42, 46, 48
TxOUT-
Negative LVDS differential data output
39
TxCLK OUT+
Positive LVDS differential clock output
40
TxCLK OUT-
Negative LVDS differential clock output
44
LVDS VCC
Power Supply pin for LVDS outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com