Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS385 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLVDS385
Description  3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS385 Datasheet(HTML) 1 Page - STMicroelectronics

  STLVDS385 Datasheet HTML 1Page - STMicroelectronics STLVDS385 Datasheet HTML 2Page - STMicroelectronics STLVDS385 Datasheet HTML 3Page - STMicroelectronics STLVDS385 Datasheet HTML 4Page - STMicroelectronics STLVDS385 Datasheet HTML 5Page - STMicroelectronics STLVDS385 Datasheet HTML 6Page - STMicroelectronics STLVDS385 Datasheet HTML 7Page - STMicroelectronics STLVDS385 Datasheet HTML 8Page - STMicroelectronics STLVDS385 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
February 2004
s
20 TO 85 MHz SHIFT CLOCK SUPPORT
s
BEST–IN–CLASS SET & HOLD TIMES ON
TxINPUTs
s
Tx POWER CONSUMPTION <130 mW (typ)
@85MHz GRAYSCALE
s
Tx POWER-DOWN MODE <200µW (max)
s
SUPPORTS VGA, SVGA, XGA aND SINGLE/
DUAL PIXEL SXGA.
s
NARROW BUS REDUCES CABLE SIZE AND
COST
s
UP TO 2.38 Gbps THROUGHPUT
s
UP TO 297.5 Megabytes/sec BANDWIDTH
s
345 mV (typ) SWING LVDS DEVICES FOR
LOW EMI
s
PLL REQUIRES NO EXTERNAL
COMPONENTS
s
COMPATIBLE WITH TIA/EIA -644 LVDS
STANDARD
DESCRIPTION
The STLVDS385 transmitter converts 28 bits of
LVCMOS/LVTTL data into four LVDS (Low
Voltage Differential Signaling) data streams. A
phase-locked transmit clock is transmitted in
parallel with the data streams over a fifth LVDS
link. Every cycle of the transmit clock 28 bits of
input data are sampled and transmitted. At a
transmit clock frequency of 85 MHz, 24 bits of
RGB data and 3 bits of LCD timing and control
data (FPLINE, FPFRAME, DRDY) are transmitted
at a rate of 595 Mbps per LVDS data channel.
Using a 85 MHz clock, the data throughput is
297.5
Mbytes/sec.
The
transmitter
can
be
programmed for Rising edge strobe or Falling
edge strobe through a dedicated pin. A Rising
edge or Falling edge strobe transmitter will inter
operate with a Falling edge strobe Receiver
without any translation logic.
ORDERING CODES
Type
Temperature
Range
Package
Comments
STLVDS385BTR
-10 to 70°C
TSSOP56 (Tape & Reel)
2000 parts per reel
STLVDS385
+3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT
FLAT PANEL DISPLAY (FPD) LINK-85MHZ
TSSOP56


Similar Part No. - STLVDS385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31B STMICROELECTRONICS-STLVDS31B Datasheet
702Kb / 15P
High speed differential line drivers
15-Jul-2009
STLVDS31BD STMICROELECTRONICS-STLVDS31BD Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BDR STMICROELECTRONICS-STLVDS31BDR Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - STLVDS385

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C385 NSC-DS90C385 Datasheet
333Kb / 17P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
DS90C383B NSC-DS90C383B Datasheet
267Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF366 NSC-DS90CF366_06 Datasheet
781Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com