Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS31 Datasheet (PDF) - STMicroelectronics

STLVDS31 Datasheet PDF - STMicroelectronics
Part # STLVDS31
Download  STLVDS31 Download
File Size   333.66 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED DIFFERENTIAL LINE DRIVERS

STLVDS31 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLVDS31 Datasheet PDF - STMicroelectronics

Part # STLVDS31
Download  STLVDS31 Click to download

File Size   333.66 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED DIFFERENTIAL LINE DRIVERS

STLVDS31 Datasheet (HTML) - STMicroelectronics


STLVDS31 Product details

DESCRIPTION
The STLVDS31 and STLVDS3487 are quad differential line drivers that implements the electrical characteristics of low voltage differential signaling (LVDS).
   
■ MEETS OR EXCEEDS THE
    REQUIREMENTS OF ANSI TIA/EIA-644
    STANDARD
■ LOW VOLTAGE DIFFERENTIAL SIGNALING
    WITH TYPICAL OUTPUT VOLTAGE OF
    350mV AND A 100Ω LOAD
■ TYPICAL OUTPUT VOLTAGE RISE AND
    FALL TIMES OF 750ps (400Mbps)
■ TYPICAL PROPAGATION DELAY TIMES OF
    1.7ns
■ OPERATES FROM A SINGLE 3.3V SUPPLY
■ POWER DISSIPATION 25mW TYPICAL PER
    DRIVER AT 200MHz
■ DRIVER AT HIGH IMPEDANCE WHEN
    DISABLED OR WITH VCC =0V
■ PIN COMPATIBLE WITH THE AM26LS31,
    SN65LVD31, MC3487 AND SN65LVD3487
■ LOW VOLTAGE TTL (LVTTL) LOGIC INPUT
    LEVELS
   




Similar Part No. - STLVDS31

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS31B STMICROELECTRONICS-STLVDS31B Datasheet
702Kb / 15P
High speed differential line drivers
15-Jul-2009
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
216Kb / 15P
High speed differential line drivers
28-Mar-2006
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
702Kb / 15P
High speed differential line drivers
15-Jul-2009
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
High speed differential line drivers
28-Mar-2006
More results


Similar Description - STLVDS31

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS179 TI1-SN65LVDS179_16 Datasheet
1Mb / 50P
High-Speed Differential Line Drivers
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
High-Speed Differential Line Drivers
logo
STMicroelectronics
STLVDS31B STMICROELECTRONICS-STLVDS31B Datasheet
702Kb / 15P
High speed differential line drivers
15-Jul-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com