Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS31 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLVDS31
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS31 Datasheet(HTML) 2 Page - STMicroelectronics

  STLVDS31 Datasheet HTML 1Page - STMicroelectronics STLVDS31 Datasheet HTML 2Page - STMicroelectronics STLVDS31 Datasheet HTML 3Page - STMicroelectronics STLVDS31 Datasheet HTML 4Page - STMicroelectronics STLVDS31 Datasheet HTML 5Page - STMicroelectronics STLVDS31 Datasheet HTML 6Page - STMicroelectronics STLVDS31 Datasheet HTML 7Page - STMicroelectronics STLVDS31 Datasheet HTML 8Page - STMicroelectronics STLVDS31 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
STLVDS31
2/13
PIN CONFIGURATION
PIN DESCRIPTION
LOGIC DIAGRAM AND LOGIC SYMBOL
PlN N°
SYMBOL
NAME AND FUNCTION
1, 7, 9, 15
1A to 4A
Driver Inputs
2, 6, 10, 14
1Y to 4Y
Driver Outputs
3, 5, 11, 13
1Z to 4Z
Driver Outputs
4
G
Enable
12
G
Enable
8
GND
Ground
16
VCC
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com