Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS31 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVDS31
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS31 Datasheet(HTML) 4 Page - STMicroelectronics

  STLVDS31 Datasheet HTML 1Page - STMicroelectronics STLVDS31 Datasheet HTML 2Page - STMicroelectronics STLVDS31 Datasheet HTML 3Page - STMicroelectronics STLVDS31 Datasheet HTML 4Page - STMicroelectronics STLVDS31 Datasheet HTML 5Page - STMicroelectronics STLVDS31 Datasheet HTML 6Page - STMicroelectronics STLVDS31 Datasheet HTML 7Page - STMicroelectronics STLVDS31 Datasheet HTML 8Page - STMicroelectronics STLVDS31 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
STLVDS31
4/13
ELECTRICAL CHARACTERISTICS (Over recommended operating conditions unless otherwise noted.
All typical values are at TA = 25°C, and VCC =3.3V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOD
Differential Output Voltage
RL = 100Ω
Fig. 2
247
350
454
mV
∆V
OD
Change in Differential
Output Voltage Between
Logic State
-50
50
mV
∆V
OC(SS)
Change in Steady-state
Common Mode Output
Voltage Between Logic
State
Fig. 3
1.125
1.2
1.375
V
VOC(SS)
Steady-state Common
Mode Output Voltage
Fig. 3
-50
50
mV
VOC(PP)
Peak to Peak Common
mode Output Voltage
80
150
mV
ICC
Supply Current
VIN = 0.8V or 2V, Enabled, No Load
11.5
20
mA
VIN = 0.8V or 2V, Enabled, RL =100Ω
25
35
mA
VIN = 0 or VCC, Disabled
0.3
1
mA
IIH
High Level Input Current
VIH =2V
4
20
µA
IIL
Low Level Input Current
VIL = 0.8V
0.6
10
µA
ISC
Short Circuit Output Current VO(Y) or VO(Z) = 0V
6.1
-24
mA
VOD =0
± 12
mA
IOZ
High Impedance Output
Current
VO = 0 or 2.4V
± 1
µA
IOFF
Power OFF Output Current
VCC =0
VO = 2.4V
± 1
µA
CIN
Input Capacitance
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com